Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 60Page - Renesas Technology Corp TW2864D Datasheet HTML 61Page - Renesas Technology Corp TW2864D Datasheet HTML 62Page - Renesas Technology Corp TW2864D Datasheet HTML 63Page - Renesas Technology Corp TW2864D Datasheet HTML 64Page - Renesas Technology Corp TW2864D Datasheet HTML 65Page - Renesas Technology Corp TW2864D Datasheet HTML 66Page - Renesas Technology Corp TW2864D Datasheet HTML 67Page - Renesas Technology Corp TW2864D Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 64 of 110
September 28, 2012
7
GMEN
R/W
Reserved.
0
6-5
CKHY
R/W
Color killer hysteresis.
0 – fastest
1 – fast
2 – medium
3 - slow
00b
4-0
HSDLY
RW
Reserved for test.
00h
0X85 – VERTICAL SHARPNESS
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-4
SHCOR
R/W
These bits provide coring function for the sharpness control.
8
3-0
Reserved
R
Reserved
0
0X86 – CORING CONTROL REGISTER
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-6
CTCOR
R/W
These bits control the coring for CTI.
1
5-4
CCOR
R/W
These bits control the low level coring function for the Cb/Cr output.
0
3-2
VCOR
R/W
These bits control the coring function of vertical peaking.
1
1-0
CIF
R/W
These bits control the chrominance IF compensation level.
0 = None
1 = 1.5dB
2 = 3dB
3 = 6dB
0
0X87 – CLAMPING GAIN
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-4
CLPEND
R/W
These 4 bits set the end time of the clamping pulse. Its value should be
larger than the value of CLPST.
5
3-0
CLPST
R/W
These 4 bits set the start time of the clamping. It is referenced to PCLAMP
position.
0
0X88 – INDIVIDUAL AGC GAIN
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-4
NMGAIN
R/W
The normal AGC loop gain control. Larger value reduce the loop response
time.
2
3-1
WPGAIN
R/W
Peak AGC loop gain control.
1
0
Reserved
R
Reserved
0
0X8A – WHITE PEAK THRESHOLD
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
PEAKWT
R/W
These bits control the white peak detection threshold. Setting ‘FF’ disable s
this function.
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com