Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 5 Page - Renesas Technology Corp

  TW2864D Datasheet HTML 1Page - Renesas Technology Corp TW2864D Datasheet HTML 2Page - Renesas Technology Corp TW2864D Datasheet HTML 3Page - Renesas Technology Corp TW2864D Datasheet HTML 4Page - Renesas Technology Corp TW2864D Datasheet HTML 5Page - Renesas Technology Corp TW2864D Datasheet HTML 6Page - Renesas Technology Corp TW2864D Datasheet HTML 7Page - Renesas Technology Corp TW2864D Datasheet HTML 8Page - Renesas Technology Corp TW2864D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 5 of 110
September 28, 2012
Host Interface...................................................................................................................................................................................49
Serial Interface.............................................................................................................................................................................49
Interrupt Interface .......................................................................................................................................................................50
Single Channel Clock-In Mode...................................................................................................................................................51
Squared Pixel Mode Operation..................................................................................................................................................51
Control Registers .........................................................................................................................................................................52
Register Map______________________________________________________________________________________ 52
Register Descriptions _______________________________________________________________________________ 57
0x00(CH1)/0x10(CH2)/0x20(CH3)/0x30(CH4) – Video Status Register _____________________________________ 57
0x01(CH1)/0x11(CH2)/0x21(CH3)/0x31(CH4) – BRIGHTNESS Control Register ______________________________ 57
0x02(CH1)/0x12(CH2)/0x22(CH3)/0x32(CH4) – CONTRAST Control Register ________________________________ 57
0x03(CH1)/0x13(CH2)/0x23(CH3)/0x33(CH4) – SHARPNESS Control Register ______________________________ 57
0x04(CH1)/0x14(CH2)/0x24(CH3)/0x34(CH4) – Chroma (U) Gain Register __________________________________ 58
0x05(CH1)/0x15(CH2)/0x25(CH3)/0x35(CH4) – Chroma (V) Gain Register __________________________________ 58
0x06(CH1)/0x16(CH2)/0x26(CH3)/0x36(Ch4) – Hue Control Register ______________________________________ 58
0x07(CH1)/0x17(CH2)/0x27(CH3)/0x37(CH4) – Cropping Register, High ___________________________________ 58
0x08(CH1)/0x18(CH2)/0x28(CH3)/0x38(CH4) – Vertical Delay Register, Low ________________________________ 58
0x09(CH1)/0x19(CH2)/0x29(CH3)/0x39(CH4) – Vertical Active Register, Low _______________________________ 59
0x0A(CH1)/0x1A(CH2)/0x2A(CH3)/0x3A(CH4) – Horizontal Delay Register, Low _____________________________ 59
0x0B(CH1)/0x1B(CH2)/0x2B(CH3)/0x3B(CH4) – Horizontal Active Register, Low _____________________________ 59
0x0C(CH1)/0x1C(CH2)/0x2C(CH3)/0x3C(CH4) – Macrovision Detection_____________________________________ 59
0x0D(CH1)/0x1D(CH2)/0x2D(CH3)/0x3D(CH4) – Chip STATUS II __________________________________________ 60
0x0E(CH1)/0x1E(CH2)/0x2E(CH3)/0x3E(CH4) – Standard Selection________________________________________ 60
0x0F(CH1)/0x1F(CH2)/0x2F(CH3)/0x3F(CH4) – Standard Recognition______________________________________ 61
0xE4(CH1)/0xE7(CH2)/0xEA(CH3)/0xED(CH4) – Vertical Scaling Register, Low_______________________________ 61
0xE5(CH1)/0xE8(CH2)/0xEB(CH3)/0xEE(CH4) – Scaling Register, High _____________________________________ 61
0xE6(CH1)/0xE9(CH2)/0xEC(CH3)/0xEF(CH4) – Horizontal Scaling Register, Low_____________________________ 61
0xA4(CH1)/0xA5(CH2)/0xA6(CH3)/0xA7(CH4) – ID Detection Control ______________________________________ 62
0xC4(CH1)/0xC5(CH2)/0xC6(CH3)/0xC7(CH4) – H monitor _______________________________________________ 62
0x80 – Software Reset Control Register _______________________________________________________________ 62
0x81 – Analog Control Register ______________________________________________________________________ 62
0x82 – Analog Control Reister2 ______________________________________________________________________ 63
0x83 – Control Register I____________________________________________________________________________ 63
0x84 – Color Killer Hysteresis Control Register__________________________________________________________ 63
0x85 – Vertical Sharpness __________________________________________________________________________ 64
0x86 – Coring Control Register_______________________________________________________________________ 64
0x87 – Clamping Gain ______________________________________________________________________________ 64
0x88 – Individual AGC Gain__________________________________________________________________________ 64
0x8A – White Peak Threshold________________________________________________________________________ 64
0x8B– Clamp level _________________________________________________________________________________ 65
0x8C– Sync Amplitude _____________________________________________________________________________ 65
0x8D – Sync Miss Count Register _____________________________________________________________________ 65
0x8E – Clamp Position Register ______________________________________________________________________ 65
0x8F – Vertical Control I ____________________________________________________________________________ 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com