Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 63Page - Renesas Technology Corp TW2864D Datasheet HTML 64Page - Renesas Technology Corp TW2864D Datasheet HTML 65Page - Renesas Technology Corp TW2864D Datasheet HTML 66Page - Renesas Technology Corp TW2864D Datasheet HTML 67Page - Renesas Technology Corp TW2864D Datasheet HTML 68Page - Renesas Technology Corp TW2864D Datasheet HTML 69Page - Renesas Technology Corp TW2864D Datasheet HTML 70Page - Renesas Technology Corp TW2864D Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 67 of 110
September 28, 2012
0X94 – MISCELLANEOUS CONTROL I
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
HPLC
R/W
Reserved for internal use.
0
6
EVCNT
R/W
1 = Even field counter in special mode.
0 = Normal operation
0
5
PALC
R/W
Reserved for future use.
0
4
SDET
R/W
ID detection sensitivity. A '1' is recommended.
1
3
TBC_EN
R/W
1 = Internal TBC enabled. Total pixel per line on Video active line is
always 858x2 for NTSC/PAL-M(60Hz) and 864x2 for PAL/SECAM(50Hz).
0 = TBC off.
0
2
BYPASS
R/W
It controls the standard detection and should be set to ‘1’ in normal use.
1
1
SYOUT
R/W
1 = Hsync output is disabled when video loss is detected
0 = Hsync output is always enabled
0
0
Reserved
R
Reserved
0
0X95 – LOOP CONTROL REGISTER
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-6
HPM
R/W
Horizontal PLL acquisition time.
3 = Fast
2 = Auto1
1 = Auto2
0 = Normal
2
5-4
ACCT
R/W
ACC time constant
0 = No ACC
1 = slow
2 = medium
3 = fast
2
3-2
SPM
R/W
Burst PLL control.
0 = Slowest
1 = Slow
2 = Fast
3 = Fastest
1
1-0
CBW
R/W
Chroma low pass filter bandwidth control.
Refer to filter curves.
1
0X96 – MISCELLANEOUS CONTROL II
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
NKILL
R/W
1 = Enable noisy signal color killer function in NTSC mode.
0 = Disabled.
1
6
PKILL
R/W
1 = Enable automatic noisy color killer function in PAL mode.
0 = Disabled.
1
5
SKILL
R/W
1 = Enable automatic noisy color killer function in SECAM mode.
0 = Disabled.
1
4
CBAL
R/W
0 = Normal output
1 = special output mode.
0
3
FCS
R/W
1 = Force decoder output value determined by CCS.
0 = Disabled.
0
2
LCS
R/W
1 = Enable pre-determined output value indicated by CCS when video loss
is detected.
0 = Disabled.
0
1
CCS
R/W
When FCS is set high or video loss condition is detected when LCS is set
high, one of two colors display can be selected.
1 = Blue color.
0 = Black.
0
0
BST
R/W
1 = Enable blue stretch.
0 = Disabled.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com