Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 59Page - Renesas Technology Corp TW2864D Datasheet HTML 60Page - Renesas Technology Corp TW2864D Datasheet HTML 61Page - Renesas Technology Corp TW2864D Datasheet HTML 62Page - Renesas Technology Corp TW2864D Datasheet HTML 63Page - Renesas Technology Corp TW2864D Datasheet HTML 64Page - Renesas Technology Corp TW2864D Datasheet HTML 65Page - Renesas Technology Corp TW2864D Datasheet HTML 66Page - Renesas Technology Corp TW2864D Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 63 of 110
September 28, 2012
BIT
FUNCTION
R/W
DESCRIPTION
RESET
2
Reserved
R/W
0
=
Normal
operation(must
be
0),
1 = AINSWTEST
0
1
YFLEN
R/W
Analog
Video
CH1/CH2/CH3/CH4
anti-alias
filter
control
1 = enable
0 = disable
1
YSV
R/W
Analog
Video
CH1/CH2/CH3/CH4
Reduced
power
mode
1 = enable
0 = disable
0
0X82 – ANALOG CONTROL REISTER2
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
CTEST
R/W
Clamping control for debugging use.(Test purpose only)
0
6
YCLEN
R/W
1
=
Y
channel
clamp
disabled
(Test
purpose
only)
0 = Enabled.
0
5
CKIPOL
R/W
[REV_ID>=2
only]
27MHz
clock
output
signal
rise/fall
timing.
0:
change
by
54MHz
clock
output
falling
edge.
1: change by 54MHz clock output rising edge.
0
4
AFLTEN
R/W
1
=
Analog
Audio
input
Anti-Aliasing
Filter
enabled
(REV_ID=0/1/2
TW2864
default)
0
=
Disabled.(must
be
0
for
no
Audio
Input
cross-talk)
(REV_ID=3 TW2864 default)
0
3
GTEST
R/W
1
=
Internal
test.(Test
purpose
only)
0 = Normal operation.
0
2
VLPF
R/W
Clamping filter control.
0
1
CKLY
R/W
Clamping current control 1.
0
0
CKLC
R/W
Clamping current control 2.
0
0X83 – CONTROL REGISTER I
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
PBW
R/W
1 = Wide Chroma BPF BW
0 = Normal Chroma BPF BW
1
6
DEM
R/W
Reserved
1
5
PALSW
R/W
1 = PAL switch sensitivity low.
0 = PAL switch sensitivity normal.
0
4
SET7
R/W
1 = The black level is 7.5 IRE above the blank level.
0 = The black level is the same as the blank level.
0
3
COMB
R/W
1 = Adaptive comb filter for NTSC and PAL (recommended).
Not for SECAM.
0 = Notch filter. For SECAM.
1
2
HCOMP
R/W
1 = operation mode 1. (recommended)
0 = mode 0.
1
1
YCOMB
R/W
1 = Bypass Comb filter when there is no burst presence
0 = No bypass
0
0
PDLY
R/W
PAL delay line.
0 = enabled.
1 = disabled.
0
0X84 – COLOR KILLER HYSTERESIS CONTROL REGISTER
BIT
FUNCTION
R/W
DESCRIPTION
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com