Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 66Page - Renesas Technology Corp TW2864D Datasheet HTML 67Page - Renesas Technology Corp TW2864D Datasheet HTML 68Page - Renesas Technology Corp TW2864D Datasheet HTML 69Page - Renesas Technology Corp TW2864D Datasheet HTML 70Page - Renesas Technology Corp TW2864D Datasheet HTML 71Page - Renesas Technology Corp TW2864D Datasheet HTML 72Page - Renesas Technology Corp TW2864D Datasheet HTML 73Page - Renesas Technology Corp TW2864D Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 70 of 110
September 28, 2012
0X9E – NOVID
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
Reserved
R
Reserved
0
6
FC27
R/W
1:normal ITU-R656 operation 0:Squared Pixel mode.
1
5-4
CHID_MD
R/W
Select the Channel ID format for time-multiplexed output
0 No channel ID (default)
1 CHID with the specific ITU-R BT.656 sync Code
2 CHID with the specific horizontal blanking code
3 CHID with the specific ITU-R BT.656 sync & horizontal
blanking code
0
3
NOVID_656
R/W
0:Normal ITU-R BT.656 SA/EAV(default)
1:AN optional set of ITU-R BT.656 SAV/EAV code for No-video status
0
2
EAVSWAP
R/W
1:EAV-SAV code is swapped.
0:EAV-SAV code is not swapped(standard 656 output mode)
0
1
VIPCFG
R/W
Set up Bit7 in 4th byte of EAV/SAV code.
1:Standard ITU-R656 code format.(It’s also VIP task-A code
format.)
0:Old VIP task-B code format.
1
0
NTSC656
R/W
1:Number of Even Field Video output line is (the number of Odd field Video
output line – 1).This bit is required for ITU-R BT.656 output for 525 line
system standard.
0: Number of Even Field Video output line is same as the number of Odd
field Video output line.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com