Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 85Page - Renesas Technology Corp TW2864D Datasheet HTML 86Page - Renesas Technology Corp TW2864D Datasheet HTML 87Page - Renesas Technology Corp TW2864D Datasheet HTML 88Page - Renesas Technology Corp TW2864D Datasheet HTML 89Page - Renesas Technology Corp TW2864D Datasheet HTML 90Page - Renesas Technology Corp TW2864D Datasheet HTML 91Page - Renesas Technology Corp TW2864D Datasheet HTML 92Page - Renesas Technology Corp TW2864D Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 89 of 110
September 28, 2012
Index
Audio Detection Period
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xE1
AAMPMD
ADET_FILT
ADET_
TH4[4]
ADET_
TH3[4]
ADET_
TH2[4]
ADET_
TH1[4]
AAMPMD
Define the audio detection method.
0
Detect audio if absolute amplitude is greater than threshold (default)
1
Detect audio if differential amplitude is greater than threshold
ADET_FILT
Select the filter for audio detection
0
Wide LPF (default)
.
.
.
.
7
Narrow LPF
Index
Audio Detection Threshold
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xE1
AAMPMD
ADET_FILT
ADET_
TH4[4]
ADET_
TH3[4]
ADET_
TH2[4]
ADET_
TH1[4]
0xE2
ADET_TH2[3:0]
ADET_TH1[3:0]
0xE3
ADET_TH4[3:0]
ADET_TH3[3:0]
ADET_TH
Define the threshold value for audio detection.
ADET_TH1 : Audio input AIN1.
ADET_TH2 : Audio input AIN2.
ADET_TH3 : Audio input AIN3.
ADET_TH4 : Audio input AIN4.
0
Low value (default)
.
.
.
.
31 High value
If fs=8kHz Audio Clock setting mode,
Reg0xE1=0xC0,Reg0xE2=0xAA,Reg0xE3=0xAA are typical setting value.
If fs=16kHz/32kHz/44.1kHz/48kHz Audio Clock setting mode,
Reg0xE1=0xE0,Reg0xE2=0xBB,Reg0xE3=0xBB are typical setting value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com