Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 94Page - Renesas Technology Corp TW2864D Datasheet HTML 95Page - Renesas Technology Corp TW2864D Datasheet HTML 96Page - Renesas Technology Corp TW2864D Datasheet HTML 97Page - Renesas Technology Corp TW2864D Datasheet HTML 98Page - Renesas Technology Corp TW2864D Datasheet HTML 99Page - Renesas Technology Corp TW2864D Datasheet HTML 100Page - Renesas Technology Corp TW2864D Datasheet HTML 101Page - Renesas Technology Corp TW2864D Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 98 of 110
September 28, 2012
REV_ID=3 TW2864 Recommended Setting
Following register need to be set up after RSTB pin changes into 1 in typical system.
HPF_RES[3:0]=Eh.
If Audio 8kHz mode,AADCCKPOL=1.
If Audio 16kHz/32kHz/44.1kHz/48kHz mode,AADCCKPOL=0(default).
TW2864 REV_ID=2(LC2) and REV_ID=3(LD1) Register difference
Default Value
Recommended Value for software compatible.
REV_ID=2
REV_ID=3
Reg0x82
0x10
0x00
Both 0x00
Reg0x93
0x30
0x3D
Both 0x3E,REV_ID=2 doesn’t have bit3-0.
Reg0xCE
0x00
0x00
Both 0x40,Bit6 is REV_ID=2 only function.
Reg0xD0
0x88
0x33
Both 0x33
Reg0xD1
0x88
0x33
Both 0x33
DEV_ID and REV_ID are different between REV_ID=2 and REV_ID=3.
Reg0xFF Value:
REV_ID=2
REV_ID=3
TW2864A
0x62
0x63
TW2864B
0x6A
0x6B
TW2864C
0x62
0x73
TW2864D
0x6A
0x7B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com