Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 97Page - Renesas Technology Corp TW2864D Datasheet HTML 98Page - Renesas Technology Corp TW2864D Datasheet HTML 99Page - Renesas Technology Corp TW2864D Datasheet HTML 100Page - Renesas Technology Corp TW2864D Datasheet HTML 101Page - Renesas Technology Corp TW2864D Datasheet HTML 102Page - Renesas Technology Corp TW2864D Datasheet HTML 103Page - Renesas Technology Corp TW2864D Datasheet HTML 104Page - Renesas Technology Corp TW2864D Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 101 of 110
September 28, 2012
AC Electrical Parameters
CLKI AND VIDEO DATA/SYNC TIMING
PARAMETER
SYMBOL
MIN
(NOTE 1)
TYP
MAX
(NOTE 1)
UNITS
Delay from CLKI to CLKPO (27MHz)
1
1
5
Ns
Hold from CLKPO to Video Data/Sync (27MHz)
2a
18
Ns
Delay from CLKPO to Video Data/Sync (27MHz)
2b
19
Ns
Delay from CLKI to CLKPO (54MHz)
3
0.1
5
Ns
Hold from CLKPO to Video Data/Sync (54MHz)
4a
9
Ns
Delay from CLKPO to Video Data/Sync (54MHz)
4b
10
Ns
Delay from CLKI to CLKPO (108MHz)
5
3
Ns
Hold from CLKPO to Video Data/Sync (108MHz)
6a
5
Ns
Delay from CLKPO to Video Data/Sync (108MHz)
6b
6
Ns
NOTE:
1.
Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
2.
CLKPO timing is related with CLKP_DEL register value. The following timing diagram is illustrated in the case that the
CLKP_DEL is set to 0hex and CLKP_POL is se to 0.
CLKNO timing is almost inversed CLKPO timing as default setting.
CLKI
CLKPO
(27MHz)
Data Output
(27MHz)
2b
2a
1
4a
4b
3
6a
6b
5
CLKPO
(54MHz)
CLKPO
(108MHz)
Data Output
(54MHz)
Data Output
(108MHz)
FIGURE 39. CLKI AND VIDEO DATA TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com