Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 100Page - Renesas Technology Corp TW2864D Datasheet HTML 101Page - Renesas Technology Corp TW2864D Datasheet HTML 102Page - Renesas Technology Corp TW2864D Datasheet HTML 103Page - Renesas Technology Corp TW2864D Datasheet HTML 104Page - Renesas Technology Corp TW2864D Datasheet HTML 105Page - Renesas Technology Corp TW2864D Datasheet HTML 106Page - Renesas Technology Corp TW2864D Datasheet HTML 107Page - Renesas Technology Corp TW2864D Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 104 of 110
September 28, 2012
Video Decoder Parameter 1
PARAMETER
SYMBOL
MIN
(NOTE 1)
TYP
MAX
(NOTE 1)
UNITS
ADCS
ADC Resolution
ADCR
10
Bits
ADC Integral Non-linearity
AINL
1
LSB
ADC Differential Non-Linearity
ADNL
1
LSB
ADC Clock Rate
fADC
24
27
30
MHz
Video Bandwidth (-3db)
BW
10
MHz
HORIZONTAL PLL
Line Frequency (50Hz)
fLN
15.625
KHz
Line Frequency (60Hz)
fLN
15.734
KHz
Static Deviation
fH
6.2
%
SUBCARRIER PLL
Subcarrier Frequency (NTSC-M)
fSC
3579545
Hz
Subcarrier Frequency (PAL-BDGHI)
fSC
4433619
Hz
Subcarrier Frequency (PAL-M)
fSC
3575612
Hz
Subcarrier Frequency (PAL-N)
fSC
3582056
Hz
Lock In Range
fH
450
Hz
OSCILLATOR INPUT
Nominal Frequency
27
MHz
Deviation
50
ppm
Duty Cycle
55
%
NOTE:
1.
Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com