Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 102Page - Renesas Technology Corp TW2864D Datasheet HTML 103Page - Renesas Technology Corp TW2864D Datasheet HTML 104Page - Renesas Technology Corp TW2864D Datasheet HTML 105Page - Renesas Technology Corp TW2864D Datasheet HTML 106Page - Renesas Technology Corp TW2864D Datasheet HTML 107Page - Renesas Technology Corp TW2864D Datasheet HTML 108Page - Renesas Technology Corp TW2864D Datasheet HTML 109Page - Renesas Technology Corp TW2864D Datasheet HTML 110Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 106 of 110
September 28, 2012
Analog Audio Parameters
NOTE:
1.
Tested at input gain of 0 dB, Fin = 1KHz.
2.
Tested at input gain of 0 dB, Fs=8 KHz and 16KHz.
3.
Tested at output gain of 0 dB, Fout = 1KHz.
4.
Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
PARAMETER
SYMBOL
MIN
(NOTE 4)
TYP
MAX
(NOTE 4)
UNITS
ANALOG AUDIO INPUT CHARACTERISTICS
AIN1-4 Input Impedance
RINX
10
KΩ
Interchannel Gain Mismatch
0.2
dB
Input Voltage Range
1.5
Vpp
Full Scale Input Voltage (Note 1)
ViFULL
1
Vpp
Interchannel Isolation (Note 2)
90
dB
ANALOG AUDIO OUTPUT CHARACTERISTICS
AOUT Output Load Resistance
RLAO
300
ohm
AOUT Load Capacitance
CLAO
1
nF
AOUT Offset Voltage
VOSAO
100
mV
Full Scale Output Voltage (Note 3)
VoFULL
1.4
Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com