Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 65Page - Renesas Technology Corp TW2864D Datasheet HTML 66Page - Renesas Technology Corp TW2864D Datasheet HTML 67Page - Renesas Technology Corp TW2864D Datasheet HTML 68Page - Renesas Technology Corp TW2864D Datasheet HTML 69Page - Renesas Technology Corp TW2864D Datasheet HTML 70Page - Renesas Technology Corp TW2864D Datasheet HTML 71Page - Renesas Technology Corp TW2864D Datasheet HTML 72Page - Renesas Technology Corp TW2864D Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 69 of 110
September 28, 2012
0X9B – OVSDLY
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
OVSDLY
R/W
VSYNC Start position. Control H position on VSYNC start.
44
0X9C – OVSEND
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
HASYNC
R/W
1:the length of EAV to SAV is set up and fixed by HBLEN registers.
0:the length of SAV to EAV is set up and fixed by HACTIVE registers.
0
6-4
OFDLY
R/W
FIELD output delay.
0h:0H line delay FIELD output.(601 mode only)
1h-6h: 1H-6H line delay FIELD output.
7h:Reserved.
2
3
VSMODE
R/W
1:VSYNC output is HACTIVE-VSYNC mode.
0:VSYNC output is HSYNC-VSYNC mode.
0
2-0
OVSEND
R/W
Line delay for VSYNC end position.
0
0X9D – HBLEN
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
HBLEN
R/W
These bits are effective when HASYNC bit is set to 1. These bits set up the
length of EAV to SAV code when HASYNC bit is 1.Normal value is (Total
pixel per line – HACTIVE) value.
NTSC/PAL-M(60Hz):
8Ah(138dec)=858-720
PAL/SECAM(50Hz):
90h(144dec)=864-720
If Reg0x0E[3](ATRIG for CH1) is set to 0,this value changes into 8Ah or
90h at auto video format detection initial time automatically according to
CH1 video detection status.
90h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com