Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 55Page - Renesas Technology Corp TW2864D Datasheet HTML 56Page - Renesas Technology Corp TW2864D Datasheet HTML 57Page - Renesas Technology Corp TW2864D Datasheet HTML 58Page - Renesas Technology Corp TW2864D Datasheet HTML 59Page - Renesas Technology Corp TW2864D Datasheet HTML 60Page - Renesas Technology Corp TW2864D Datasheet HTML 61Page - Renesas Technology Corp TW2864D Datasheet HTML 62Page - Renesas Technology Corp TW2864D Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 59 of 110
September 28, 2012
0X09(CH1)/0X19(CH2)/0X29(CH3)/0X39(CH4) – VERTICAL ACTIVE REGISTER, LOW
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
VACTIVE_LO
R/W
These bits are bit 7 to 0 of the 10-bit Vertical Active register. The two
MSBs are in the CROP_HI register. It defines the number of active video
lines per frame output.
The VACTIVE register has a shadow register for use with 50Hz source when
ATREG of Reg0x1C is not set. This register can be accessed through the
same index address by first changing the format standard to any 50Hz
standard.
20
0X0A(CH1)/0X1A(CH2)/0X2A(CH3)/0X3A(CH4) – HORIZONTAL DELAY REGISTER, LOW
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
HDELAY_LO
R/W
These bits are bit 7 to 0 of the 10-bit Horizontal Delay register. The two
MSBs are in the CROP_HI register. It defines the number of pixels between
the leading edge of the HSYNC and the start of the image cropping for
active video.
The HDELAY_LO register has two shadow registers for use with PAL and
SECAM sources respectively. These register can be accessed using the
same index address by first changing the decoding format to the
corresponding standard.
0A
0X0B(CH1)/0X1B(CH2)/0X2B(CH3)/0X3B(CH4) – HORIZONTAL ACTIVE REGISTER, LOW
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7-0
HACTIVE_LO
R/W
These bits are bit 7 to 0 of the 10-bit Horizontal Active register. The two
MSBs are in the CROP_HI register. It defines the number of active pixels
per line output.
D0
0X0C(CH1)/0X1C(CH2)/0X2C(CH3)/0X3C(CH4) – MACROVISION DETECTION
BIT
FUNCTION
R/W
DESCRIPTION
RESET
7
SF
R
This bit is for internal use.
0
6
PF
R
This bit is for internal use.
0
5
FF
R
This bit is for internal use.
0
4
KF
R
This bit is for internal use.
0
3
CSBAD
R
1 = Macrovision color stripe detection un-reliable
0
2
MVCSN
R
1 = Macrovision AGC pulse detected.
0 = Not detected.
0
1
CSTRIPE
R
1 = Macrovision color stripe protection burst detected.
0 = Not detected.
0
0
CTYPE
R
This bit is valid only when color stripe protection is detected, i.e.
CSTRIPE=1.
1 = Type 2 color stripe protection
0 = Type 3 color stripe protection
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com