Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 86Page - Renesas Technology Corp TW2864D Datasheet HTML 87Page - Renesas Technology Corp TW2864D Datasheet HTML 88Page - Renesas Technology Corp TW2864D Datasheet HTML 89Page - Renesas Technology Corp TW2864D Datasheet HTML 90Page - Renesas Technology Corp TW2864D Datasheet HTML 91Page - Renesas Technology Corp TW2864D Datasheet HTML 92Page - Renesas Technology Corp TW2864D Datasheet HTML 93Page - Renesas Technology Corp TW2864D Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 90 of 110
September 28, 2012
Index
Audio Clock Increment
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xF0
ACKI[7:0]
0xF1
ACKI[15:8]
0xF2
0
0
ACKI[21:16]
ACKI
These bits control ACKI Clock Increment in ACKG block.
09B583h for fs = 8kHz is default
Index
Audio Clock Number
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xF3
ACKN[7:0]
0xF4
ACKN[15:8]
0xF5
0
0
0
0
0
0
ACKN[17:16]
ACKN
These bits control ACKN Clock Number in ACKG block..
[REV_ID=0 TW2864] 08578h for fs = 8kHz is default.
[REV_ID>=1 TW2864] 000100h for Playback Slave-in lock is default.
Index
Serial Clock Divider
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xF6
0
0
SDIV
SDIV
Reserved. 01h is default.
Index
Left/Right Clock Divider
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0xF7
0
0
LRDIV
LRDIV
Reserved.20h is default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com