Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 38Page - Renesas Technology Corp TW2864D Datasheet HTML 39Page - Renesas Technology Corp TW2864D Datasheet HTML 40Page - Renesas Technology Corp TW2864D Datasheet HTML 41Page - Renesas Technology Corp TW2864D Datasheet HTML 42Page - Renesas Technology Corp TW2864D Datasheet HTML 43Page - Renesas Technology Corp TW2864D Datasheet HTML 44Page - Renesas Technology Corp TW2864D Datasheet HTML 45Page - Renesas Technology Corp TW2864D Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 42 of 110
September 28, 2012
RECORD OUTPUT
To record audio data, the TW2864 provides the digital serial audio data through the ACLKR, ASYNR and ADATR pins.
Sampling frequency comes from 256xfs audio system clock setting. Even though the standard I2S and DSP format
can have only 2 audio data on left and right channel, the TW2864 can provide an extended I2S and DSP format,
which can have 16 channel audio data through ADATR pin. The R_MULTCH defines the number of audio data to be
recorded by the ADATR pin. ASYNR signal is always fs frequency rate. One ASYNR period is always equal to 256
ACLKR clock length. Figure 26 shows the digital serial audio data organization for multi-channel audio. 8-bit mode
has only DSP format. 16-bit mode has both I2S format and DSP format.
0
1/fs
ASYNR
ACLKR
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0
1
2
3
8
9
A
B
0
1
8
9
0
8
MSB
LSB
8/16bit
ADATR
3
2
1
0
(a) I2S Format
0
1/fs
ASYNR
ACLKR
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
0
ADATR
1
2
3
4
5
6
7
0
1
2
3
0
1
MSB
LSB
8/16bit
3
2
1
0
(b) DSP Format
FIGURE 26. TIMING CHART OF MULTI-CHANNEL AUDIO RECORD
Table 6 shows the sequence of audio data to be recorded for each mode of the R_MULTCH register. The sequences of
0 ~ F do not mean actual audio channel number but represent sequence only. The actual audio channel should be
assigned to sequence 0 ~ F by the R_SEQ_0 ~ R_SEQ_F register. When the ADATM pin is used for record via the
R_ADATM register, the audio sequence of ADATM is also shown in Table 6.
TABLE 6. SEQUENCE OF MULTI-CHANNEL AUDIO RECORD
(a) I2S Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com