Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 96Page - Renesas Technology Corp TW2864D Datasheet HTML 97Page - Renesas Technology Corp TW2864D Datasheet HTML 98Page - Renesas Technology Corp TW2864D Datasheet HTML 99Page - Renesas Technology Corp TW2864D Datasheet HTML 100Page - Renesas Technology Corp TW2864D Datasheet HTML 101Page - Renesas Technology Corp TW2864D Datasheet HTML 102Page - Renesas Technology Corp TW2864D Datasheet HTML 103Page - Renesas Technology Corp TW2864D Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 100 of 110
September 28, 2012
DC Electrical Parameters
PARAMETER
SYMBOL
(NOTE 1)
MIN
TYP
MAX
(NOTE 1)
UNITS
DIGITAL INPUTS
Input High Voltage (TTL)
VIH
2.0
5.5
V
Input Low Voltage (TTL)
VIL
-0.3
0.8
V
Input Leakage Current
(@VI = 2.5V or 0V)
IL
±
10
µA
Input Capacitance
CIN
6
pF
DIGITAL OUTPUTS
Output High Voltage
VOH
2.4
V
Output Low Voltage
VOL
0.4
V
High Level Output Current
(@VOH = 2.4V)
IOH
6.3
12.8
21.2
mA
Low Level Output Current
(@VOL = 0.4V)
IOL
4.9
7.4
9.8
mA
Tri-state Output Leakage Current
(@VO = 2.5V or 0V)
IOZ
±
10
µA
Output Capacitance
CO
6
pF
Analog Pin Input Capacitance
CA
6
pF
SUPPLY CURRENT
Analog Video Supply Current
(VDDV, 1.8V)
IDDV
44
mA
Analog Audio Supply Current
(VDDA, 1.8V)
IDDA
16
mA
Digital Internal Supply Current
(VDDI, 1.8V)
IDDI
110
mA
Digital I/O Supply Current
(VDDO, 3.3V)
IDDO
25
mA
Total Power Dissipation
P
388.5
mW
NOTE:
1.
Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com