Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 98Page - Renesas Technology Corp TW2864D Datasheet HTML 99Page - Renesas Technology Corp TW2864D Datasheet HTML 100Page - Renesas Technology Corp TW2864D Datasheet HTML 101Page - Renesas Technology Corp TW2864D Datasheet HTML 102Page - Renesas Technology Corp TW2864D Datasheet HTML 103Page - Renesas Technology Corp TW2864D Datasheet HTML 104Page - Renesas Technology Corp TW2864D Datasheet HTML 105Page - Renesas Technology Corp TW2864D Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 102 of 110
September 28, 2012
DIGITAL SERIAL AUDIO INTERFACE TIMING
PARAMETER
SYMBOL
MIN
(NOTE 1)
TYP
MAX
(NOTE 1)
UNITS
ASYNR, ADATR, ADATM Propagation Delay
TA_pd
0.6
2
ns
ACLKP High Pulse Duration
TA_hw
37
ns
ACLKP Low Pulse Duration
TA_lw
74
ns
ASYNP, ADATP Setup Time
TA_su
36
ns
ASYNP, ADATP Hold Time
TA_h
35
ns
NOTE:
1.
Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
2.
TA_lw Min value and TA_su Min value are Fs = 48KHz mode only. If Fs < 48KHz, these Min values are more bigger. High
period of ACLKR/ACLKP is 27MHz one clock period.
ACLKR
ASYNR
t
A_pd
ADATR
ADATM
(a) Record and Mix Audio(Master mode)
ACLKP
ASYNP
t
A_su
ADATP
t
A_h
t
A_hw
t
A_lw
(b) Playback Audio(Master mode)
FIGURE 40. TIMING DIAGRAM OF DIGITAL SERIAL AUDIO INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com