Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 19Page - Renesas Technology Corp TW2864D Datasheet HTML 20Page - Renesas Technology Corp TW2864D Datasheet HTML 21Page - Renesas Technology Corp TW2864D Datasheet HTML 22Page - Renesas Technology Corp TW2864D Datasheet HTML 23Page - Renesas Technology Corp TW2864D Datasheet HTML 24Page - Renesas Technology Corp TW2864D Datasheet HTML 25Page - Renesas Technology Corp TW2864D Datasheet HTML 26Page - Renesas Technology Corp TW2864D Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 23 of 110
September 28, 2012
Output Format
The TW2864 supports a standard ITU-R BT.656 format. All video data and timing signal of four channels are
synchronous with the pins CLKPO or CLKNO output. Therefore, CLKPO or CLKNO can be connected to four channel
interfaces for synchronizing data. And, the phase of CLKPO or CLKNO can be controlled by delay unit via the
CLKP_DEL or CLKN_DEL registers and polarity inverse cell via the CLKP_POL or CLKN_POL registers independently.
ITU-R BT.656 FORMAT
In ITU-R BT.656 format, SAV and EAV sequences are inserted into the data stream to indicate the active video time. It
is noted that the number of active pixels per line is constant in this mode regardless of the actual incoming line
length. The output timing is illustrated in Figure 9. The SAV and EAV sequences are shown in Table 3.. An optional set
of 656 SAV/EAV code sequence can be enabled to identify no-video status using the NOVID_656 bit.
CLKP
VD[7:0]
Cb0
Y0
Cr0
80h
16h
80h 160h FFh
00h
00h
00h
00h
XY
FFh
XY
Y1
HACIVE
EAV code
SAV code
Cb2
Y2
Cr2
Y3
FIGURE 9. TIMING DIAGRAM OF ITU-R BT.656 FORMAT
TABLE 3. ITU-R BT.656 SAV AND EAV CODE SEQUENCE
CONDITION
656 FVH VALUE
SAV/EAV CODE SEQUENCE
FIELD
V
TIME
H
TIME
FIELD
V
TIME
H TIME
FIRST
SECOND
THIRD
FOURTH
NOMINAL
OPTION*
EVEN
Blank
EAV
1
1
1
0xFF
0x00
0x00
0xF1
0x71
EVEN
Blank
SAV
1
1
0
0xFF
0x00
0x00
0xEC
0x6C
EVEN
Active
EAV
1
0
1
0xFF
0x00
0x00
0xDA
0x5A
EVEN
Active
SAV
1
0
0
0xFF
0x00
0x00
0xC7
0x47
ODD
Blank
EAV
0
1
1
0xFF
0x00
0x00
0xB6
0x36
ODD
Blank
SAV
0
1
0
0xFF
0x00
0x00
0xAB
0x2B
ODD
Active
EAV
0
0
1
0xFF
0x00
0x00
0x9D
0x1D
ODD
Active
SAV
0
0
0
0xFF
0x00
0x00
0x80
0x00
*Option includes video loss information in ITU-R BT.656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com