Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 44Page - Renesas Technology Corp TW2864D Datasheet HTML 45Page - Renesas Technology Corp TW2864D Datasheet HTML 46Page - Renesas Technology Corp TW2864D Datasheet HTML 47Page - Renesas Technology Corp TW2864D Datasheet HTML 48Page - Renesas Technology Corp TW2864D Datasheet HTML 49Page - Renesas Technology Corp TW2864D Datasheet HTML 50Page - Renesas Technology Corp TW2864D Datasheet HTML 51Page - Renesas Technology Corp TW2864D Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 48 of 110
September 28, 2012
AUDIO CLOCK GENERATION
TW2864 has built-in field locked audio clock generator for use in video capture applications. The circuitry will
generate the same pre-defined number of audio sample clocks per field to ensure synchronous playback of video and
audio after digital recording or compression. The audio clock is digitally synthesized from the crystal clock input with
reference to the incoming video. The master audio clock frequency is programmable through ACKN and ACKI register
based on the following two equations.
ACKN
=
round
(
F
AMCLK
/
F
field
),
it
gives
the
Audio
master
Clock
Per
Field.
ACKI = round ( F AMCLK / F 27MHz * 2^23 ),it gives the Audio master Clock Nominal increment.
The following table provides setting examples of some commonly used audio frequencies, assuming a Video Decoder
system clock frequency of 27MHz.
AMCLK(MHZ)
FIELD[HZ]
ACKN [DEC]
ACKN [HEX]
ACKI [DEC]
ACKI [HEX]
256 x 48 KHz
12.288
50
245760
3-C0-00
3817749
3A-41-15
12.288
59.94
205005
3-20-CD
3817749
3A-41-15
256 x 44.1KHz
11.2896
50
225792
3-72-00
3507556
35-85-65
11.2896
59.94
188348
2-DF-BC
3507556
35-85-65
256 x 32 KHz
8.192
50
163840
2-80-00
2545166
26-D6-0E
8.192
59.94
136670
2-15-DE
2545166
26-D6-0E
256 x 16 KHz
4.096
50
81920
1-40-00
1272583
13-6B-07
4.096
59.94
68335
1-0A-EF
1272583
13-6B-07
256 x 8 KHz
2.048
50
40960
A0-00
636291
9-B5-83
2.048
59.94
34168
85-78
636291
9-B5-83
If ACLKRMASTER register bit is set to 1, this AMCLK(256xfs) is used as audio system clock inside TW2864 chip.
[REV_ID>=1 TW2864 only]
If Slave Playback-in lock mode is required, ACKN=00100hex and PBREFEN=1 needs to be set up. The number of
AMCLK clock per one ASYNP input cycle is locked (fixed) to 256 in this mode.
The frequency equation is “AMCLK(Freq) = 256 x ASYNP(Freq)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com