Electronic Components Datasheet Search
  English  ▼

X  

TW2864D Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # TW2864D
Description  4-Channel Video Decoders and Audio Codecs For Security Applications
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2864D Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button TW2864D Datasheet HTML 47Page - Renesas Technology Corp TW2864D Datasheet HTML 48Page - Renesas Technology Corp TW2864D Datasheet HTML 49Page - Renesas Technology Corp TW2864D Datasheet HTML 50Page - Renesas Technology Corp TW2864D Datasheet HTML 51Page - Renesas Technology Corp TW2864D Datasheet HTML 52Page - Renesas Technology Corp TW2864D Datasheet HTML 53Page - Renesas Technology Corp TW2864D Datasheet HTML 54Page - Renesas Technology Corp TW2864D Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
TW2864
FN7745 Rev. 0.00
Page 51 of 110
September 28, 2012
Single Channel Clock-In Mode
[REV_ID>=1 TW2864 only]
If TEST pin is 1 and ALINKI pin is 0, TW2864 works under CLKI pin Single Channel Clock-In mode. In this mode, if
FC27 register is 1, a 27MHz clock needs to be connected to the CLKI pin; if FC27 register is 0, a 29.5MHz clock for
PAL-SQ or 24.543MHz clock for NTSC-SQ needs to be connected to the CLKI pin. Also, SADD[1:0]=0/2/3 values are
available for Serial Interface Slave Address. If Audio function is used with FC27=0 squared pixel mode, ACKI register
equation is as follows.
ACKI = round (Faudio/CLKI input clock Frequency * 2^23 )
TW2864
TEST
SADD[1]
CLKI
ALINKI
27MHz for ITU-R656
29.5MHz for PAL-SQ
24.543MHz for NTSC-SQ
GND
SADD[0]
VDD
VD1[7:0]
VD2[7:0]
VD3[7:0]
VD4[7:0]
Single Channel
Video Output only
CLKNO
CLKPO
CLKI input clock
path through
SADD[1:0]=0,2,3 : available
SADD[1:0]=1 : not available
FIGURE 38. SINGLE CHANNEL CLOCK-IN MODE
Squared Pixel Mode Operation
If FC27 register bit is set to 0, TW2864 works under Squared Pixel mode operation. If Single Channel Clock-In mode is
not selected, CLKI pin input on PAL-SQ mode should have either 118MHz(=29.5MHzx4) for TW2864A/TW2864C or
59MHz(=29.5MHzx2) for TW2864B/TW2864D. Also,CLKI pin input on NTSC-SQ mode should have either
98.172MHz(=24.543MHzx4) for TW2864A/TW2864C or 49.086MHz(=24.543MHzx2) for TW2864B/TW2864D. If
Single Channel Clock-In mode is selected (REV_ID>=1 TW2864 only), CLKI pin input should have either 29.5MHz for
PAL-SQ or 24.543MHz for NTSC-SQ. HACTIVE register value should be 0x300 (768dec) for PAL-SQ and 0x280
(640dec) for NTSC-SQ. If Audio function is used with this Squared Pixel mode, ACKI register equations are as follows.
ACKI = round ( F audio / 29.5MHz * 2^23 )………………for PAL-SQ
ACKI = round ( F audio / 24.543MHz * 2^23 )……………for NTSC-SQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com