Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 103 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 99Page - NXP Semiconductors IMX93CEC Datasheet HTML 100Page - NXP Semiconductors IMX93CEC Datasheet HTML 101Page - NXP Semiconductors IMX93CEC Datasheet HTML 102Page - NXP Semiconductors IMX93CEC Datasheet HTML 103Page - NXP Semiconductors IMX93CEC Datasheet HTML 104Page - NXP Semiconductors IMX93CEC Datasheet HTML 105Page - NXP Semiconductors IMX93CEC Datasheet HTML 106Page - NXP Semiconductors IMX93CEC Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 123 page
background image
Table 105. 9 x 9 mm functional contact assignment
Ball name
9 x 9
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
ADC_IN0
B8
VDD_ANA0_1P8
ANALOG
—
—
Input without
PU[1] / PD[2]
ADC_IN1
A8
VDD_ANA0_1P8
ANALOG
—
—
Input without
PU / PD
CCM_CLKO1
T4
NVCC_WAKEUP
GPIO
Alt0
CCMSRCGPCMIX.CLK01
Output low
CLKIN1
A6
VDD_ANA_1P8
ANALOG
—
—
Input without
PU / PD
CLKIN2
B6
VDD_ANA_1P8
ANALOG
—
—
Input without
PU / PD
DAP_TCLK_SWCLK
U3
NVCC_WAKEUP
GPIO
Alt0
DAP.TCLK_SWCLK
Input with PD
DAP_TDI
P8
NVCC_WAKEUP
GPIO
Alt0
DAP.TDI
Input with PU
DAP_TDO_TRACESW
O
T3
NVCC_WAKEUP
GPIO
Alt0
DAP.TDO_TRACESWO
Input without
PU/PD
DAP_TMS_SWDIO
P6
NVCC_WAKEUP
GPIO
Alt0
DAP.TMS_SWDIO
Input with PU
DRAM_CA0_A
F1
VDDQ_DDR
DDR
—
—
—
DRAM_CA1_A
E2
VDDQ_DDR
DDR
—
—
—
DRAM_CA2_A
D2
VDDQ_DDR
DDR
—
—
—
DRAM_CA3_A
C1
VDDQ_DDR
DDR
—
—
—
DRAM_CA4_A
B2
VDDQ_DDR
DDR
—
—
—
DRAM_CA5_A
A2
VDDQ_DDR
DDR
—
—
—
DRAM_CK_C_A
B1
VDDQ_DDR
DDR
—
—
—
DRAM_CK_T_A
C2
VDDQ_DDR
DDR
—
—
—
DRAM_CKE0_A
G1
VDDQ_DDR
DDR
—
—
—
DRAM_CKE1_A
F2
VDDQ_DDR
DDR
—
—
—
DRAM_CS0_A
D1
VDDQ_DDR
DDR
—
—
—
DRAM_CS1_A
E1
VDDQ_DDR
DDR
—
—
—
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
103 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com