Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 106 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 102Page - NXP Semiconductors IMX93CEC Datasheet HTML 103Page - NXP Semiconductors IMX93CEC Datasheet HTML 104Page - NXP Semiconductors IMX93CEC Datasheet HTML 105Page - NXP Semiconductors IMX93CEC Datasheet HTML 106Page - NXP Semiconductors IMX93CEC Datasheet HTML 107Page - NXP Semiconductors IMX93CEC Datasheet HTML 108Page - NXP Semiconductors IMX93CEC Datasheet HTML 109Page - NXP Semiconductors IMX93CEC Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 123 page
background image
Table 105. 9 x 9 mm functional contact assignment ...continued
Ball name
9 x 9
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
GPIO_IO08
K14
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[8]
Input with PD
GPIO_IO09
F16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[9]
Input with PD
GPIO_IO10
F17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[10]
Input with PD
GPIO_IO11
G16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[11]
Input with PD
GPIO_IO12
F14
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[12]
Input with PD
GPIO_IO13
G17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[13]
Input with PD
GPIO_IO14
H16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[14]
Input with PD
GPIO_IO15
H17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[15]
Input with PD
GPIO_IO16
J16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[16]
Input with PD
GPIO_IO17
K15
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[17]
Input with PD
GPIO_IO18
M14
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[18]
Input with PD
GPIO_IO19
J17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[19]
Input with PD
GPIO_IO20
K16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[20]
Input with PD
GPIO_IO21
K17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[21]
Input with PD
I2C1_SCL
A12
NVCC_AON
GPIO
Alt5
GPIO1.IO[0]
Input with PD
I2C1_SDA
B12
NVCC_AON
GPIO
Alt5
GPIO1.IO[1]
Input with PD
I2C2_SCL
A11
NVCC_AON
GPIO
Alt5
GPIO1.IO[2]
Input with PD
I2C2_SDA
B11
NVCC_AON
GPIO
Alt5
GPIO1.IO[3]
Input with PD
ONOFF
D10
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.ONOFF
Input without
PU / PD
PDM_BIT_STREAM0
A10
NVCC_AON
GPIO
Alt5
GPIO1.IO[9]
Input with PD
PDM_BIT_STREAM1
B10
NVCC_AON
GPIO
Alt5
GPIO1.IO[10]
Input with PD
PDM_CLK
A16
NVCC_AON
GPIO
Alt5
GPIO1.IO[8]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
106 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com