Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 110 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 106Page - NXP Semiconductors IMX93CEC Datasheet HTML 107Page - NXP Semiconductors IMX93CEC Datasheet HTML 108Page - NXP Semiconductors IMX93CEC Datasheet HTML 109Page - NXP Semiconductors IMX93CEC Datasheet HTML 110Page - NXP Semiconductors IMX93CEC Datasheet HTML 111Page - NXP Semiconductors IMX93CEC Datasheet HTML 112Page - NXP Semiconductors IMX93CEC Datasheet HTML 113Page - NXP Semiconductors IMX93CEC Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 123 page
background image
Table 106. 9 x 9 mm, 0.5 mm pitch, ball map
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
A
VSS
DRAM
_CA5_
A
USB1_
TXRTU
NE
USB1_
D_N
RTC_X
TALI
CLKIN
1
PMIC_
ON_RE
Q
ADC_I
N1
XTALI_
24M
PDM_B
IT_STR
EAM0
I2C2_S
CL
I2C1_S
CL
UART1
_TXD
SAI1_T
XFS
SAI1_T
XD0
PDM_C
LK
VSS
B
DRAM
_CK_C
_A
DRAM
_CA4_
A
USB1_
VBUS
USB1_
D_P
RTC_X
TALO
CLKIN
2
POR_B ADC_I
N0
XTALO
_24M
PDM_B
IT_STR
EAM1
I2C2_S
DA
I2C1_S
DA
UART1
_RXD
SAI1_R
XD0
SAI1_T
XC
GPIO_I
O00
GPIO_I
O01
C
DRAM
_CA3_
A
DRAM
_CK_T
_A
VDD_U
SB_0P
8
VSS
VSS
PMIC_
STBY_
REQ
VDD_B
BSM_0
P8_CA
P
VSS
VSS
GPIO_I
O02
GPIO_I
O03
D
DRAM
_CS0_
A
DRAM
_CA2_
A
VSS
USB1_I
D
TAMP
ER0
TAMP
ER1
ONOFF
UART2
_TXD
UART2
_RXD
VSS
GPIO_I
O04
GPIO_I
O05
E
DRAM
_CS1_
A
DRAM
_CA1_
A
VDD_U
SB_1P
8
VDD_U
SB_3P
3
NVCC_
BBSM_
1P8
VSS
GPIO_I
O06
GPIO_I
O07
F
DRAM
_CA0_
A
DRAM
_CKE1
_A
VSS
DRAM_
RESET
_N
VDDQ_
DDR
VSS
VSS
VSS
VDD_A
NA0_1
P8
VDD_A
NA0_0
P8
GPIO_I
O12
VSS
GPIO_I
O09
GPIO_I
O10
G
DRAM
_CKE0
_A
DRAM
_DQ07
_A
VSS
VDD_S
OC
VDD_S
OC
VDD_S
OC
VSS
GPIO_I
O11
GPIO_I
O13
H
DRAM
_DQ06
_A
DRAM
_DQ05
_A
VSS
DRAM_
ZQ
VDDQ_
DDR
VDD_S
OC
VSS
VDD_S
OC
NVCC_
AON
WDOG
_ANY
VSS
GPIO_I
O14
GPIO_I
O15
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
110 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com