Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 108 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 104Page - NXP Semiconductors IMX93CEC Datasheet HTML 105Page - NXP Semiconductors IMX93CEC Datasheet HTML 106Page - NXP Semiconductors IMX93CEC Datasheet HTML 107Page - NXP Semiconductors IMX93CEC Datasheet HTML 108Page - NXP Semiconductors IMX93CEC Datasheet HTML 109Page - NXP Semiconductors IMX93CEC Datasheet HTML 110Page - NXP Semiconductors IMX93CEC Datasheet HTML 111Page - NXP Semiconductors IMX93CEC Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 123 page
background image
Table 105. 9 x 9 mm functional contact assignment ...continued
Ball name
9 x 9
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
SD1_DATA7
U16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[17]
Input with PD
SD1_STROBE
U12
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[18]
Input without
PU / PD
SD2_CD_B
P12
NVCC_SD2
GPIO
Alt5
GPIO3.IO[0]
Input with PD
SD2_CLK
M16
NVCC_SD2
GPIO
Alt5
GPIO3.IO[1]
Input with PD
SD2_CMD
M17
NVCC_SD2
GPIO
Alt5
GPIO3.IO[2]
Input with PD
SD2_DATA0
N17
NVCC_SD2
GPIO
Alt5
GPIO3.IO[3]
Input with PD
SD2_DATA1
N16
NVCC_SD2
GPIO
Alt5
GPIO3.IO[4]
Input with PD
SD2_DATA2
L17
NVCC_SD2
GPIO
Alt5
GPIO3.IO[5]
Input with PD
SD2_DATA3
L16
NVCC_SD2
GPIO
Alt5
GPIO3.IO[6]
Input with PD
SD2_RESET_B
P10
NVCC_SD2
GPIO
Alt5
GPIO3.IO[7]
Input with PD
SD2_VSELECT
P14
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[19]
Input with PD
SD3_CLK
T16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[20]
Input with PD
SD3_CMD
T17
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[21]
Input with PD
SD3_DATA0
R16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[22]
Input with PD
SD3_DATA1
R17
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[23]
Input with PD
SD3_DATA2
P16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[24]
Input with PD
SD3_DATA3
P17
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[25]
Input with PD
TAMPER0
D6
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.TAMPER0
Input with PD
TAMPER1
D8
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.TAMPER1
Input with PD
UART1_RXD
B13
NVCC_AON
GPIO
Alt5
GPIO1.IO[4]
Input with PD
UART1_TXD
A13
NVCC_AON
GPIO
Alt5
GPIO1.IO[5]
CCMSRCGPCMIX.BOOT_
MODE[0]
Input with PD
UART2_RXD
D14
NVCC_AON
GPIO
Alt5
GPIO1.IO[6]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
108 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com