Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 105 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 101Page - NXP Semiconductors IMX93CEC Datasheet HTML 102Page - NXP Semiconductors IMX93CEC Datasheet HTML 103Page - NXP Semiconductors IMX93CEC Datasheet HTML 104Page - NXP Semiconductors IMX93CEC Datasheet HTML 105Page - NXP Semiconductors IMX93CEC Datasheet HTML 106Page - NXP Semiconductors IMX93CEC Datasheet HTML 107Page - NXP Semiconductors IMX93CEC Datasheet HTML 108Page - NXP Semiconductors IMX93CEC Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 123 page
background image
Table 105. 9 x 9 mm functional contact assignment ...continued
Ball name
9 x 9
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
DRAM_ZQ
H4
VDDQ_DDR
DDR
—
—
—
ENET1_MDC
T8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[0]
Input with PD
ENET1_MDIO
U7
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[1]
Input with PD
ENET1_RD0
U5
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[10]
Input with PD
ENET1_RD1
T6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[11]
Input with PD
ENET1_RD2
U6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[12]
Input with PD
ENET1_RD3
T7
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[13]
Input with PD
ENET1_RX_CTL
T5
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[8]
Input with PD
ENET1_RXC
U4
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[9]
Input with PD
ENET1_TD0
U9
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[5]
Input with PD
ENET1_TD1
R9
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[4]
Input with PD
ENET1_TD2
U10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[3]
Input with PD
ENET1_TD3
T10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[2]
Input with PD
ENET1_TX_CTL
T9
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[6]
Input with PD
ENET1_TXC
U8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[7]
Input with PD
GPIO_IO00
B16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[0]
Input with PD
GPIO_IO01
B17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[1]
Input with PD
GPIO_IO02
C16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[2]
Input with PD
GPIO_IO03
C17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[3]
Input with PD
GPIO_IO04
D16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[4]
Input with PD
GPIO_IO05
D17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[5]
Input with PD
GPIO_IO06
E16
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[6]
Input with PD
GPIO_IO07
E17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[7]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
105 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com