Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 109 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 105Page - NXP Semiconductors IMX93CEC Datasheet HTML 106Page - NXP Semiconductors IMX93CEC Datasheet HTML 107Page - NXP Semiconductors IMX93CEC Datasheet HTML 108Page - NXP Semiconductors IMX93CEC Datasheet HTML 109Page - NXP Semiconductors IMX93CEC Datasheet HTML 110Page - NXP Semiconductors IMX93CEC Datasheet HTML 111Page - NXP Semiconductors IMX93CEC Datasheet HTML 112Page - NXP Semiconductors IMX93CEC Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 123 page
background image
Table 105. 9 x 9 mm functional contact assignment ...continued
Ball name
9 x 9
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
UART2_TXD
D12
NVCC_AON
GPIO
Alt5
GPIO1.IO[7]
CCMSRCGPCMIX.BOOT_
MODE[1]
Input with PD
USB1_D_N
A4
VDD_USB_1P8
PHY
—
—
—
USB1_D_P
B4
VDD_USB_3P3
PHY
—
—
—
USB1_ID
D4
VDD_USB_3P3
PHY
—
—
—
USB1_TXRTUNE
A3
VDD_USB_3P3
PHY
—
—
—
USB1_VBUS
B3
VDD_USB_3P3
PHY
—
—
—
WDOG_ANY
H14
NVCC_AON
GPIO
Alt5
WDOG1.WDOG_ANY
Input with PU
XTALI_24M
A9
VDD_ANA0_1P8
ANALOG
—
—
—
XTALO_24M
B9
VDD_ANA0_1P8
ANALOG
—
—
—
[1] Pull-up
[2] Pull-down
6.2.3 9 x 9 mm, 0.5 mm pitch, ball map
Table 106 shows the 9 x 9 mm, 0.5 mm pitch ball map for the i.MX 93.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
109 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com