Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 111 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 107Page - NXP Semiconductors IMX93CEC Datasheet HTML 108Page - NXP Semiconductors IMX93CEC Datasheet HTML 109Page - NXP Semiconductors IMX93CEC Datasheet HTML 110Page - NXP Semiconductors IMX93CEC Datasheet HTML 111Page - NXP Semiconductors IMX93CEC Datasheet HTML 112Page - NXP Semiconductors IMX93CEC Datasheet HTML 113Page - NXP Semiconductors IMX93CEC Datasheet HTML 114Page - NXP Semiconductors IMX93CEC Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 123 page
background image
Table 106. 9 x 9 mm, 0.5 mm pitch, ball map ...continued
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
J
DRAM
_DQ04
_A
DRAM
_DMI0_
A
VSS
VSS
GPIO_I
O16
GPIO_I
O19
K
DRAM
_DQ03
_A
DRAM
_DQ02
_A
VSS
DRAM_
DQS0_
C_A
VDD2_
DDR
VDD_S
OC
VSS
VDD_S
OC
NVCC_
GPIO
GPIO_I
O08
GPIO_I
O17
GPIO_I
O20
GPIO_I
O21
L
DRAM
_DQ01
_A
DRAM
_DQ00
_A
NVCC_
WAKE
UP
VSS
NVCC_
WAKE
UP
NVCC_
WAKE
UP
VDD_A
NAVDE
T_1P8
SD2_D
ATA3
SD2_D
ATA2
M
DRAM
_DQ15
_A
DRAM
_DQ14
_A
VSS
DRAM_
DQS0_
T_A
VDD2_
DDR
VSS
VSS
VSS
VSS
VDD_A
NA1_0
P8
GPIO_I
O18
VSS
SD2_C
LK
SD2_C
MD
N
DRAM
_DQ12
_A
DRAM
_DQ13
_A
VDD2_
DDR
VDD_A
NA1_1
P8
VSS
NVCC_
SD2
SD2_D
ATA1
SD2_D
ATA0
P
DRAM
_DQS1
_T_A
DRAM
_DQS1
_C_A
VSS
VDD2_
DDR
DAP_T
MS_S
WDIO
DAP_T
DI
SD2_R
ESET_
B
SD2_C
D_B
SD2_V
SELEC
T
VSS
SD3_D
ATA2
SD3_D
ATA3
R
DRAM
_DMI1_
A
DRAM
_DQ11
_A
VSS
VSS
VSS
ENET1
_TD1
VSS
VSS
VSS
SD3_D
ATA0
SD3_D
ATA1
T
DRAM
_DQ10
_A
DRAM
_DQ08
_A
DAP_T
DO_TR
ACES
WO
CCM_C
LKO1
ENET1
_RX_C
TL
ENET1
_RD1
ENET1
_RD3
ENET1
-MDC
ENET1
_TX_C
TL
ENET1
_TD3
SD1_C
MD
SD1_D
ATA4
SD1_D
ATA0
SD1_D
ATA1
SD1_D
ATA2
SD3_C
LK
SD3_C
MD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
111 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com