Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 115 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 111Page - NXP Semiconductors IMX93CEC Datasheet HTML 112Page - NXP Semiconductors IMX93CEC Datasheet HTML 113Page - NXP Semiconductors IMX93CEC Datasheet HTML 114Page - NXP Semiconductors IMX93CEC Datasheet HTML 115Page - NXP Semiconductors IMX93CEC Datasheet HTML 116Page - NXP Semiconductors IMX93CEC Datasheet HTML 117Page - NXP Semiconductors IMX93CEC Datasheet HTML 118Page - NXP Semiconductors IMX93CEC Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 123 page
background image
Table 108. i.MX 93 Data Sheet document revision history...continued
Document ID
Release
date
Description
• Updated LVDS Ball name in Table 4
• Replace the text from "The power architecture of i.MX93 is defined based on the
assumption that a PMIC is used to supply all the power rails to the SoC. The SoC
can be powered from discrete parts rather than a PMIC, but a discrete-based solution
is not necessarily BOM cost-optimized." to "The i.MX power architecture is designed
with the expectation that a dedicated PMIC supplies all required power rails, ensuring
compliance with stringent power-up and power-down sequencing requirements. While
discrete component-based implementations are technically viable, they typically lead to
increased BOM cost, greater design complexity, and a larger PCB footprint. In contrast, the
proposed PMIC solution is BOM-optimized, minimizes board area by integrating multiple
power functions into a single package, and simplifies system design by providing a
validated, production-tested power management solution that inherently meets the voltage
and sequencing specifications of the i.MX platform." in Power architecture section.
• Updated Figure 3
IMX93CEC v.6.1 07 July
2025
• Removed the I/O pin information from Ordering information
• Updated the Package type in Figure 1
• Removed Section 14 x 14 mm package information
IMX93CEC v.6.0 04 June
2025
• Updated Ordering information
• Updated Figure 1
• Updated the descriptions about DRAM and LPUART, and ADC in Table 1; Removed
FlexIO from Table 1
• Added LPDDR4 in Figure 2; updated ADC and LPUART in Figure 2
• Updated the description about ONOFF and XTALI_24/XTALO_24M in Table 3
• Added Table 12
• Updated Table 16
• Updated Table 28
• Updated the description of DDR SDRAM–specific parameters (LPDDR4/LPDDR4X) and
Clock/data/command/address pin allocations
• Added a footnote in Table 44
• Added a footnote in Table 51
• Updated the unit of Csample, Ccompare, and Cconversion to cycle in Table 52; removed the
maximum value of Ccompare and second ADC clock in Table 52; added ENOB lavues in
Table 52
• Removed Table. ADC electrical specifications (VREFH = VDD_ANAx_1p8 and
VADINmax ≤ VREFH)
• Added a footnote in Table 69
• Updated Table 72
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
115 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com