Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 117 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 113Page - NXP Semiconductors IMX93CEC Datasheet HTML 114Page - NXP Semiconductors IMX93CEC Datasheet HTML 115Page - NXP Semiconductors IMX93CEC Datasheet HTML 116Page - NXP Semiconductors IMX93CEC Datasheet HTML 117Page - NXP Semiconductors IMX93CEC Datasheet HTML 118Page - NXP Semiconductors IMX93CEC Datasheet HTML 119Page - NXP Semiconductors IMX93CEC Datasheet HTML 120Page - NXP Semiconductors IMX93CEC Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 123 page
background image
Table 108. i.MX 93 Data Sheet document revision history...continued
Document ID
Release
date
Description
• Updated descriptions and a footnote in Flexible I/O controller (FlexIO) electrical
specifications
• Updated Table 93
Rev. 3
12/2023
• Updated Table 2. Ordering information
• Added information about FlexIO in Table i.MX 93 modules list
• Updated Figure 1, "Part number nomenclature—i.MX 93"
• Updated Figure 2
• Updated Table 4. Special signal considerations
• Updated Table 9. Absolute maximum ratings
• Updated Table 10. Electrostatic discharge and latch up ratings
• Updated Table 14. Operating ranges
• Added Table 17. External clock frequency
• Updated the current values in Table 21. Maximum supply currents
• Added a note in Section 4.2.1, Power mode definition
• Updated Table 22. The power supply states
• Added footnotes in Table 23. Low power mode definition
• Added Table 24. Chip power in different LP modes
• Updated Table 26. GPIO DC parameters, Table 27. Additional leakage parameters, and
Table 28
• Updated the operating frequency in Table 30. LVDS AC parameters
• Updated ENOB values in Table 54. ADC electrical specificatins (VREFTH =
VDDA_ANAx_1P8 and VADINmax ≤VREFH
• Updated Section 4.12.9, FlexSPI timing parameters
• Update the signal name of RMII_RX_ER in Table 63. ENET2 signal mapping and Table 67.
ENET QOS signal mapping
• Updated the naming of ENET_CLK to RMII_REF_CLK, ENET_TD, and ENET_RD in
Section 4.12.2.2, RMII mode timing
• Removed USB 3.0 information from Section 4.12.12, USB PHY parameters
• Updated power group in 11 x 11 mm supplies contact assignments and functional
contact assignments and 9 x 9 mm supplies contact assignments and functional
contact assignments
Rev. 2
08/2023
• Updated the term "Consumer" to "Commercial"
• Updated JTAG pin description in Table 1
• Updated Table 2. Ordering information
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
117 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com