Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 118 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 114Page - NXP Semiconductors IMX93CEC Datasheet HTML 115Page - NXP Semiconductors IMX93CEC Datasheet HTML 116Page - NXP Semiconductors IMX93CEC Datasheet HTML 117Page - NXP Semiconductors IMX93CEC Datasheet HTML 118Page - NXP Semiconductors IMX93CEC Datasheet HTML 119Page - NXP Semiconductors IMX93CEC Datasheet HTML 120Page - NXP Semiconductors IMX93CEC Datasheet HTML 121Page - NXP Semiconductors IMX93CEC Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 123 page
background image
Table 108. i.MX 93 Data Sheet document revision history...continued
Document ID
Release
date
Description
• Updated remarks in Table 4. Special signal considerations
• Added ADC and TAMPER pin information in Table 5. Unused function
strapping recommendations
• Updated Table 11. 11 x 11 mm FCPBGA thermal resistance data
• Updated NVCC_BBSM_1P8 description in Section 4.1.3, Power architecture
• Updated descriptions in Section 4.1.6.1, External clock sources
• Updated Figure 7, "Output transition time waveform"
• Updated Table 26. GPIO DC parameters and Table 27. Additional leakage parameters
• Removed JTAG_TRST information from Section 4.8.3, JTAG timing parameters
• Updated Table 63. ENET2 signal mapping and Table 67. ENET QOS signal mapping
• Updated footnotes of Table 69 and Table 70
• Updated Table 98. Fuses and associated pins used for boot
• Updated power group in 11 x 11 mm supplies contact assignments and functional
contact assignments and 9 x 9 mm supplies contact assignments and functional
contact assignments
Rev. 1
04/2023
• Initial version
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
118 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com