Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 114 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 110Page - NXP Semiconductors IMX93CEC Datasheet HTML 111Page - NXP Semiconductors IMX93CEC Datasheet HTML 112Page - NXP Semiconductors IMX93CEC Datasheet HTML 113Page - NXP Semiconductors IMX93CEC Datasheet HTML 114Page - NXP Semiconductors IMX93CEC Datasheet HTML 115Page - NXP Semiconductors IMX93CEC Datasheet HTML 116Page - NXP Semiconductors IMX93CEC Datasheet HTML 117Page - NXP Semiconductors IMX93CEC Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 123 page
background image
Table 107. DDR pin function list ...continued
DRAM_MTRST1
—
DRAM_CKE0_A
CKEA[0]
DRAM_CKE1_A
CKEA[1]
DRAM_CS0_A
CSA[0]
DRAM_CS1_A
CSA[1]
DRAM_CK_T_A
CLKA_T
DRAM_CK_C_A
CLKA_C
DRAM_CA0_A
CAA[0]
DRAM_CA1_A
CAA[1]
DRAM_CA2_A
CAA[2]
DRAM_CA3_A
CAA[3]
DRAM_CA4_A
CAA[4]
DRAM_CA5_A
CAA[5]
DRAM_ZQ[1]
—
[1] DRAM_ZQ can be connected with a 120 Ω ±1% resistor to GND.
7 Revision history
Table 108 provides a revision history for this data sheet.
Table 108. i.MX 93 Data Sheet document revision history
Document ID
Release
date
Description
IMX93CEC v.7
12 Feb
2026
• Added note in DDR mode
• Added note in SDR mode
• Updated Table 25
• Updated Table 28
• Updated footnote information for "Vin/Vout" in Table 8
• Added note in SDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1
• Added note in DDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1
• Updated "DRAM_CAx_C to DRAM_CAx_A" in DDR pin function list section.
• Updated features information for Audio in Table 1
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
114 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com