Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 122 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 115Page - NXP Semiconductors IMX93CEC Datasheet HTML 116Page - NXP Semiconductors IMX93CEC Datasheet HTML 117Page - NXP Semiconductors IMX93CEC Datasheet HTML 118Page - NXP Semiconductors IMX93CEC Datasheet HTML 119Page - NXP Semiconductors IMX93CEC Datasheet HTML 120Page - NXP Semiconductors IMX93CEC Datasheet HTML 121Page - NXP Semiconductors IMX93CEC Datasheet HTML 122Page - NXP Semiconductors IMX93CEC Datasheet HTML 123Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 122 / 123 page
background image
Contents
1
i.MX 93 introduction............................................2
1.1
Ordering information...........................................6
2
Block diagram.....................................................9
3
Special signal considerations........................... 10
3.1
Unused input and output guidance...................11
4
Electrical characteristics...................................12
4.1
Chip-level conditions........................................ 13
4.1.1
Absolute maximum ratings............................... 13
4.1.2
Thermal resistance...........................................14
4.1.3
Power architecture........................................... 15
4.1.4
Operating ranges..............................................18
4.1.5
Maximum frequency of main modules..............19
4.1.6
Clock sources...................................................19
4.1.7
Maximum supply currents................................ 21
4.2
Power modes................................................... 22
4.2.1
Power mode definition......................................22
4.2.2
Low power modes............................................ 23
4.2.3
Chip power in different Low Power modes.......24
4.3
Power supplies requirements and restrictions..25
4.3.1
Power-up sequence......................................... 26
4.3.2
Power-down sequence.....................................26
4.4
PLL electrical characteristics............................27
4.5
I/O DC parameters........................................... 27
4.5.1
General purpose I/O (GPIO) DC parameters... 27
4.5.2
DDR I/O DC electrical characteristics.............. 28
4.5.3
LVDS DC parameters.......................................28
4.6
I/O AC parameters........................................... 29
4.6.1
General purpose I/O (GPIO) AC parameters... 30
4.6.2
DDR I/O AC electrical characteristics...............31
4.6.3
LVDS AC Parameters...................................... 32
4.7
Differential I/O output buffer impedance...........33
4.7.1
DDR I/O output impedance.............................. 33
4.8
System modules timing.................................... 33
4.8.1
Reset timing parameters.................................. 33
4.8.2
WDOG Reset timing parameters......................33
4.8.3
JTAG timing parameters.................................. 34
4.8.4
SWD timing parameters................................... 35
4.8.5
DDR SDRAM–specific parameters (LPDDR4/
LPDDR4X)........................................................36
4.9
Display and graphics........................................ 37
4.9.1
MIPI D-PHY electrical characteristics...............37
4.9.2
LCD Controller (LCDIF) timing parameters...... 40
4.10
Audio................................................................ 41
4.10.1
SAI switching specifications............................. 41
4.10.2
SPDIF timing parameters................................. 44
4.10.3
PDM Microphone interface timing parameters 45
4.10.4
Medium Quality Sound (MQS) electrical
specifications....................................................46
4.11
Analog.............................................................. 46
4.11.1
12-bit ADC electrical specifications.................. 46
4.11.2
12-bit ADC input impedance equivalent circuit
diagram............................................................ 48
4.12
External peripheral interface parameters......... 49
4.12.1
Ultra-high-speed SD/SDIO/MMC host interface
(uSDHC) AC timing.......................................... 49
4.12.2
Ethernet controller (ENET) AC electrical
specifications....................................................57
4.12.3
Ethernet Quality-of-Service (QOS) electrical
specifications....................................................60
4.12.4
LPSPI timing parameters................................. 64
4.12.5
LPI2C timing parameters..................................67
4.12.6
Improved Inter-Integrated Circuit Interface (I3C)
specifications....................................................68
4.12.7
CAN network AC electrical specifications........ 70
4.12.8
Timer/Pulse width modulator (TPM) timing
parameters....................................................... 70
4.12.9
FlexSPI timing parameters............................... 71
4.12.10
LPUART I/O configuration and timing parameters
......................................................................... 78
4.12.11
Flexible I/O controller (FlexIO) electrical
specifications....................................................78
4.12.12
USB PHY parameters...................................... 78
5
Boot mode configuration.................................. 79
5.1
Boot mode configuration pins...........................79
5.2
Boot device interface allocation........................80
6
Package information and contact assignments83
6.1
11 x 11 mm package information..................... 83
6.1.1
11 x 11 mm, 0.5 mm pitch, ball matrix..............83
6.1.2
11 x 11 mm supplies contact assignments and
functional contact assignments........................ 85
6.1.3
11 x 11 mm, 0.5 mm pitch, ball map................ 95
6.2
9 x 9 mm package information....................... 100
6.2.1
9 x 9 mm, 0.5 mm pitch, ball matrix................100
6.2.2
9 x 9 mm supplies contact assignments and
functional contact assignments...................... 102
6.2.3
9 x 9 mm, 0.5 mm pitch, ball map.................. 109
6.3
DDR pin function list.......................................113
7
Revision history.............................................. 114
Legal information............................................119
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
122 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com