Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 142 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 142 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 138Page - Lattice Semiconductor OR4 Datasheet HTML 139Page - Lattice Semiconductor OR4 Datasheet HTML 140Page - Lattice Semiconductor OR4 Datasheet HTML 141Page - Lattice Semiconductor OR4 Datasheet HTML 142Page - Lattice Semiconductor OR4 Datasheet HTML 143Page - Lattice Semiconductor OR4 Datasheet HTML 144Page - Lattice Semiconductor OR4 Datasheet HTML 145Page - Lattice Semiconductor OR4 Datasheet HTML 146Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 152 page
background image
142
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Package Thermal Characteristics
Summary
There are three thermal parameters that are in common use: ΘJA, ψJC, and ΘJC. It should be noted that all the 
parameters are affected, to varying degrees, by package design (including paddle size) and choice of materials, 
the amount of copper in the test board or system board, and system airflow.
Θ
Θ
Θ
ΘJA
This is the thermal resistance from junction to ambient (theta-JA, R-theta, etc.):
where TJ is the junction temperature, TA, is the ambient air temperature, and Q is the chip power. 
Experimentally, ΘJA is determined when a special thermal test die is assembled into the package of interest, and 
the part is mounted on the thermal test board. The diodes on the test chip are separately calibrated in an oven. The 
package/board is placed either in a JEDEC natural convection box or in the wind tunnel, the latter for forced con-
vection measurements. A controlled amount of power (Q) is dissipated in the test chip’s heater resistor, the chip’s 
temperature (TJ) is determined by the forward drop on the diodes, and the ambient temperature (TA) is noted. Note 
that ΘJA is expressed in units of °C/watt.
ψ
ψ
ψ
ψJC
This JEDEC designated parameter correlates the junction temperature to the case temperature. It is generally 
used to infer the junction temperature while the device is operating in the system. It is not considered a true ther-
mal resistance, and it is defined by:
where TC is the case temperature at top dead center, TJ is the junction temperature, and Q is the chip power. Dur-
ing the ΘJA measurements described above, besides the other parameters measured, an additional temperature 
reading, TC, is made with a thermocouple attached at top-dead-center of the case. ψJC is also expressed in units of 
°C/W. 
ΘJA
TJ
TA
–
Q
--------------------
=
ψJC
TJ
TC
–
Q
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com