Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 143 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 143 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 139Page - Lattice Semiconductor OR4 Datasheet HTML 140Page - Lattice Semiconductor OR4 Datasheet HTML 141Page - Lattice Semiconductor OR4 Datasheet HTML 142Page - Lattice Semiconductor OR4 Datasheet HTML 143Page - Lattice Semiconductor OR4 Datasheet HTML 144Page - Lattice Semiconductor OR4 Datasheet HTML 145Page - Lattice Semiconductor OR4 Datasheet HTML 146Page - Lattice Semiconductor OR4 Datasheet HTML 147Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 152 page
background image
Lattice Semiconductor
143
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Θ
Θ
Θ
ΘJC
This is the thermal resistance from junction to case. It is most often used when attaching a heat sink to the top of 
the package. It is defined by:
The parameters in this equation have been defined above. However, the measurements are performed with the 
case of the part pressed against a water-cooled heat sink to draw most of the heat generated by the chip out the 
top of the package. It is this difference in the measurement process that differentiates ΘJC from ψJC. ΘJC is a true 
thermal resistance and is expressed in units of °C/W.
Θ
Θ
Θ
ΘJB
This is the thermal resistance from junction to board (ΘJL). It is defined by:
where TB is the temperature of the board adjacent to a lead measured with a thermocouple. The other parameters 
on the right-hand side have been defined above. This is considered a true thermal resistance, and the measure-
ment is made with a water-cooled heat sink pressed against the board to draw most of the heat out of the leads. 
Note that ΘJB is expressed in units of °C/W, and that this parameter and the way it is measured are still in JEDEC 
committee.
ΘJC
TJ
TC
–
Q
--------------------
=
ΘJB
TJ
TB
–
Q
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com