Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 144 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 144 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 140Page - Lattice Semiconductor OR4 Datasheet HTML 141Page - Lattice Semiconductor OR4 Datasheet HTML 142Page - Lattice Semiconductor OR4 Datasheet HTML 143Page - Lattice Semiconductor OR4 Datasheet HTML 144Page - Lattice Semiconductor OR4 Datasheet HTML 145Page - Lattice Semiconductor OR4 Datasheet HTML 146Page - Lattice Semiconductor OR4 Datasheet HTML 147Page - Lattice Semiconductor OR4 Datasheet HTML 148Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 152 page
background image
144
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Package Thermal Characteristics
Table 70. ORCA Series 4 Plastic Package Thermal Guidelines
Note: The 416-pin PBGAM and the 680-pin PBGAM packages include 2 oz. copper plates
Package Coplanarity
The coplanarity limits of packages are as follows:
■
PBGA: 8.0 mils
■
PBGAM: 8.0 mils
Heat Sink Vendors for BGA Packages
In some cases the power required by the customers application is greater than the package can dissipate. Below,
in alphabetical order, is a list of heat sink vendors who advertise heat sinks aimed at the BGA market.
Table 71. Heat Sink Vendors
Package
Θ
Θ
Θ
ΘJA (°C/W)
Max Power
0 fpm
200 fpm
500 fpm
T = 70 °C Max
TJ = 125 °C Max
0 fpm (W)
352-Pin PBGA
19.0
16.0
15.0
2.9
416-pin PBGAM
18.0
16.5
13.5
3.1
680-Pin PBGAM
13.4
11.5
10.5
4.1
Vendor
Location
Phone
Aavid Thermalloy
Concord, NH
(603) 224-9988
Chip Coolers (Tyco Electronics)
Harrisburg, PA
(800) 468-2023
IERC (CTS Corp.)
Burbank, CA
(818) 842-7277
R-Theta
Buffalo, NY
(800) 388-5428
Sanyo Denki
Torrance, CA
(310) 783-5400
Wakefield Thermal Solutions
Pelham, NH
(603) 635-2800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com