Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 150 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 150 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 144Page - Lattice Semiconductor OR4 Datasheet HTML 145Page - Lattice Semiconductor OR4 Datasheet HTML 146Page - Lattice Semiconductor OR4 Datasheet HTML 147Page - Lattice Semiconductor OR4 Datasheet HTML 148Page - Lattice Semiconductor OR4 Datasheet HTML 149Page - Lattice Semiconductor OR4 Datasheet HTML 150Page - Lattice Semiconductor OR4 Datasheet HTML 151Page - Lattice Semiconductor OR4 Datasheet HTML 152Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 150 / 152 page
background image
150
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Ordering Information
Table 73. Device Type Options
Table 74. Recommended Temperature Range
Device
Voltage
OR4Exx
1.5 V internal
3.3 V/2.5 V/1.8 V/1.5 V I/O
Symbol
Description
Ambient Temperature
Junction Temperature
C
Commercial
0 ˚C to +70 ˚C0 ˚C to +85 ˚C
I
Industrial
–40 ˚C to +85 ˚C
–40 ˚C to +100 ˚C
Device Family
OR4E02
OR4E04
OR4E06
OR4EXX
X
X
XX
XXX
Speed Grade
Package Type
BA = Plastic Ball Grid Array (PBGA)
BM = Fine-Pitch Plastic Ball Grid Array (PBGAM)
Ball Count
Grade
C = Commercial
I = Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com