Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 344Page - Renesas Technology Corp SH7616 Datasheet HTML 345Page - Renesas Technology Corp SH7616 Datasheet HTML 346Page - Renesas Technology Corp SH7616 Datasheet HTML 347Page - Renesas Technology Corp SH7616 Datasheet HTML 348Page - Renesas Technology Corp SH7616 Datasheet HTML 349Page - Renesas Technology Corp SH7616 Datasheet HTML 350Page - Renesas Technology Corp SH7616 Datasheet HTML 351Page - Renesas Technology Corp SH7616 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 322 of 906
REJ09B0292-0200
Writing to address X + H'FFFF0000 or X + H'FFFF8000 first issues an all-bank precharge
command (PALL), then issues eight dummy auto-refresh commands (REF) required for the
synchronous DRAM power-on sequence. Lastly, a mode register write command (MRS) is issued.
Three idle cycles are inserted between the all-bank precharge command and the first auto-refresh
command, and eight idle cycles between auto-refresh commands, and between the eighth auto-
refresh command and the mode register write command, regardless of the MCR setting.
After writing to the synchronous DRAM mode register, perform a dummy read to each
synchronous DRAM bank before starting normal access. This will initialize the SH7616's internal
address comparator.
Synchronous DRAM requires a fixed idle time after powering on before the all-bank precharge
command is issued. Refer to the synchronous DRAM manual for the necessary idle time. When
the pulse width of the reset signal is longer than the idle time, the mode register may be set
immediately without problem. However, care is required if the pulse width of the reset signal is
shorter than the idle time.
Tp
Tpw
Tpw
Tpw
Trr
Trc
Trc
Trr
Trc
Trc
Tmw
CKIO
A24–A11
A10
A9–A1
CS2 or CS3
RAS
CAS
RD/
WR
DQMxx
MRS
REF
REF
PALL
Figure 7.36 Synchronous DRAM Mode Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com