Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 349Page - Renesas Technology Corp SH7616 Datasheet HTML 350Page - Renesas Technology Corp SH7616 Datasheet HTML 351Page - Renesas Technology Corp SH7616 Datasheet HTML 352Page - Renesas Technology Corp SH7616 Datasheet HTML 353Page - Renesas Technology Corp SH7616 Datasheet HTML 354Page - Renesas Technology Corp SH7616 Datasheet HTML 355Page - Renesas Technology Corp SH7616 Datasheet HTML 356Page - Renesas Technology Corp SH7616 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 327 of 906
REJ09B0292-0200
7.6.4
Wait State Control
When the clock frequency is raised, 1 cycle may not always be sufficient for all states to end, as in
basic access. Setting bits in WCR1, WCR2 and MCR enables the state to be lengthened. Figure
7.41 shows an example of lengthening a state using settings.
The Tp cycle (which ensures a sufficient
RAS precharge time) can be extended from 1 cycle to 2
cycles by insertion of a Tpw cycle by means of the TRP1, TRP0 bit in MCR. The number of
cycles between
RAS assert and CASn assert can be extended from 1 cycle to 3 cycles by inserting
a Trw cycle by means of the RCD1, RCD0 bit in MCR. The number of cycles from
CASn assert
to the end of access can be extended from 1 cycle to 3 cycles by setting the W31/W30 bits in
WCR1. When external wait mask bit A3WM in WCR2 is cleared to 0 and bits W31 and W30 in
WCR1 are set to a value other than 00, the external wait pin is also sampled, so the number of
cycles can be further increased. When bit A3WM in WCR2 is set to 1, external wait input is
ignored regardless of the setting of W31 and W30 in WCR1. Figure 7.42 shows the timing of wait
state control using the
WAIT pin.
In either case, when consecutive accesses occur, the Tp cycle access overlaps the Tc2 cycle of the
previous access. In DRAM access,
BS is not asserted, and so RAS, CASn, RD, etc., should be
used for
WAIT pin control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com