Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 352Page - Renesas Technology Corp SH7616 Datasheet HTML 353Page - Renesas Technology Corp SH7616 Datasheet HTML 354Page - Renesas Technology Corp SH7616 Datasheet HTML 355Page - Renesas Technology Corp SH7616 Datasheet HTML 356Page - Renesas Technology Corp SH7616 Datasheet HTML 357Page - Renesas Technology Corp SH7616 Datasheet HTML 358Page - Renesas Technology Corp SH7616 Datasheet HTML 359Page - Renesas Technology Corp SH7616 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 330 of 906
REJ09B0292-0200
the burst enable bit (BE) in MCR. Figure 7.43 shows the timing of burst access in high-speed page
mode. When performing burst access, cycles can be inserted using the wait state control function.
An address comparator is provided to detect matches of row addresses in burst mode. When this
function is used and the BE bit in MCR is set to 1, setting the MCR’s RASD bit (which specifies
RAS down mode) to 1 places the SH7616 in RAS down mode, which leaves the RAS signal
asserted. The access timing in
RAS down mode is shown in figures 7.44 and 7.45. When RAS
down mode is used, the refresh cycle must be less than the maximum DRAM
RAS assert time
tRAS when the refresh cycle is longer than the tRAS maximum.
Tp
CKIO
A24–A16
A15–A1
RAS
CASn
RD/
WR
RD
D31–D0
RD/
WR
RD
D31–D0
DACKn*
Read
Write
Tr
Tc1
Tc2
Tc1
Tc2
Note: * DACKn waveform when active-low is specified
Figure 7.43 Burst Access Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com