Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 355Page - Renesas Technology Corp SH7616 Datasheet HTML 356Page - Renesas Technology Corp SH7616 Datasheet HTML 357Page - Renesas Technology Corp SH7616 Datasheet HTML 358Page - Renesas Technology Corp SH7616 Datasheet HTML 359Page - Renesas Technology Corp SH7616 Datasheet HTML 360Page - Renesas Technology Corp SH7616 Datasheet HTML 361Page - Renesas Technology Corp SH7616 Datasheet HTML 362Page - Renesas Technology Corp SH7616 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 333 of 906
REJ09B0292-0200
The EDO mode bit (EDO) in MCR allows selection of ordinary access/high-speed page mode
burst access or ordinary access/burst access using EDO mode. Since
OE control is performed in
EDO mode DRAM access, the
CAS and OE pins of the SH7616 must be connected to the OE pin
of the DRAM.
Ordinary access in EDO mode is shown in figure 7.48, and burst access in figure 7.49.
In EDO mode, in order to extend the timing for data output to the data bus in a read cycle until the
next assertion of
CASn, the DRAM access time can be increased by delaying the data latch timing
by 1/2 cycle, making it at the rise of the CKIO clock.
A8
A0
RAS
OE
WE
I/O15
I/O0
UCAS
LCAS
A8
A0
RAS
OE
WE
I/O15
I/O0
UCAS
LCAS
A10
A2
RAS
RD/
WR
D31
D16
CAS3
CAS2
D15
D0
CAS1
CAS0
CAS/OE
...
.
...
.
...
.
...
.
...
.
...
.
...
.
...
.
...
.
...
.
...
.
...
.
256 k
× 16-bit
DRAM
Chip
Figure 7.46 Example of EDO DRAM Connection (32-Bit Data Width)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com