Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 358Page - Renesas Technology Corp SH7616 Datasheet HTML 359Page - Renesas Technology Corp SH7616 Datasheet HTML 360Page - Renesas Technology Corp SH7616 Datasheet HTML 361Page - Renesas Technology Corp SH7616 Datasheet HTML 362Page - Renesas Technology Corp SH7616 Datasheet HTML 363Page - Renesas Technology Corp SH7616 Datasheet HTML 364Page - Renesas Technology Corp SH7616 Datasheet HTML 365Page - Renesas Technology Corp SH7616 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 336 of 906
REJ09B0292-0200
Tr
CKIO
A24–A16
A15–A1
RD/
WR
RAS
CASn
D15–D0
CAS/OE
D15–D0
CAS/OE
DACKn*
Tc1
Tc2
Tc1
Tc2
Tc1
Tc2
Tc1
Tc2
(Tpc)
Read
Note: * DACKn waveform when active-low is specified
Write
Column address
Column address
Column address
Column address
Row
address
Row address
High
Figure 7.49 DRAM EDO Mode Burst Access Timing
7.6.7
DRAM Single Transfer
Wait states equivalent to the value set in bits DSWW1 and DSWW0 in BCR3 can be inserted
between DACKn assertion and
CASn assertion in a write in DMA single address transfer mode.
Inserting wait states allows the data setup time for external device memory. Figure 7.50 shows the
write cycle timing in DMA single transfer mode when DSWW1/DSWW0 = 01 and RASD = 1.
The DMA single transfer mode read cycle is the same as a CPU or DMA dual transfer mode read
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com