Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 361Page - Renesas Technology Corp SH7616 Datasheet HTML 362Page - Renesas Technology Corp SH7616 Datasheet HTML 363Page - Renesas Technology Corp SH7616 Datasheet HTML 364Page - Renesas Technology Corp SH7616 Datasheet HTML 365Page - Renesas Technology Corp SH7616 Datasheet HTML 366Page - Renesas Technology Corp SH7616 Datasheet HTML 367Page - Renesas Technology Corp SH7616 Datasheet HTML 368Page - Renesas Technology Corp SH7616 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 339 of 906
REJ09B0292-0200
After self-refreshing has been set, the self-refresh state continues even if the chip standby state is
entered using the chip’s standby function. The self-refresh state is also maintained even after
recovery from standby mode by means of NMI input.
In the case of a power-on reset, the bus state controller’s registers are initialized, and therefore the
self-refresh state is cleared.
Tp
Trr
CKIO
RAS
CASn
Trc1
Trc2
Trc2
Tre
Figure 7.52 DRAM Self-Refresh Cycle Timing
7.6.9
Power-On Sequence
When DRAM is used after the power is turned on, there is a requirement for a waiting period
during which accesses cannot be performed (100 µs or 200 µs minimum) followed by at least the
prescribed number of dummy
CAS-before-RAS refresh cycles (usually 8). The bus state controller
(BSC) does not perform any special operations for the power-on reset, so the required power-on
sequence must be implemented by the initialization program executed after a power-on reset.
7.7
Burst ROM Interface
Set the BSTROM bit in BCR1 to set the CS0 space for connection to burst ROM. The burst ROM
interface is used to permit fast access to ROMs that have the nibble access function. Figure 7.54
shows the timing of nibble accesses to burst ROM. Set for two wait cycles. The access is basically
the same as an ordinary access, but when the first cycle ends, only the address is changed. The
CS0 signal is not negated, enabling the next access to be conducted without the T1 cycle required
for ordinary space access. From the second time on, the T1 cycle is omitted, so access is 1 cycle
faster than ordinary accesses. Currently, the nibble access can only be used on 4-address ROM.
This function can only be utilized for word or longword reads to 8-bit ROM and longword reads to
16-bit ROM. Mask ROMs have slow access speeds and require 4 instruction fetches for 8-bit
widths and 16 accesses for cache filling. Limited support of nibble access was thus added to
alleviate this problem. When connecting to an 8-bit width ROM, a maximum of 4 consecutive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com