Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 368Page - Renesas Technology Corp SH7616 Datasheet HTML 369Page - Renesas Technology Corp SH7616 Datasheet HTML 370Page - Renesas Technology Corp SH7616 Datasheet HTML 371Page - Renesas Technology Corp SH7616 Datasheet HTML 372Page - Renesas Technology Corp SH7616 Datasheet HTML 373Page - Renesas Technology Corp SH7616 Datasheet HTML 374Page - Renesas Technology Corp SH7616 Datasheet HTML 375Page - Renesas Technology Corp SH7616 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 346 of 906
REJ09B0292-0200
bus cycles produced by a data width smaller than the access size, such as a longword access to an
8-bit data width memory. Bus arbitration is performed between external vector fetch, PC save, and
SR save cycles during interrupt handling, which are all independent accesses.
Because the CPU is connected to cache memory by a dedicated internal bus, cache memory can be
read even when the bus is being used by another bus master on the chip or externally. When
writing from the CPU, an external write cycle is produced. Since the internal bus that connects the
CPU, DMAC, and on-chip peripheral modules can operate in parallel to the external bus, both read
and write accesses from the CPU to on-chip peripheral modules and from the DMAC to on-chip
peripheral modules are possible even if the external bus is not held.
Figures 7.57 (a) and 7.57 (b) show the timing charts in the cases that bus requests occur
simultaneously from the E-DMAC, DMAC, and CPU. These cases are based on the following
settings:
• The CS2 and CS3 spaces are set for synchronous DRAM.
• The CAS latency is one cycle.
• The E-DMAC is enabled at both the transmitter and receiver (the buffer and descriptor use the
CS3 space).
• The DMAC is enabled in only one channel that is set to auto-request mode, cycle-steal mode,
and 16-byte dual-address transmission (CS2 space).
• Burst read and single write are set to synchronous DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com