Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 372Page - Renesas Technology Corp SH7616 Datasheet HTML 373Page - Renesas Technology Corp SH7616 Datasheet HTML 374Page - Renesas Technology Corp SH7616 Datasheet HTML 375Page - Renesas Technology Corp SH7616 Datasheet HTML 376Page - Renesas Technology Corp SH7616 Datasheet HTML 377Page - Renesas Technology Corp SH7616 Datasheet HTML 378Page - Renesas Technology Corp SH7616 Datasheet HTML 379Page - Renesas Technology Corp SH7616 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 350 of 906
REJ09B0292-0200
CKIO
BRLS
BGR
Address data
CSn
Other bus
control signals
Figure 7.58 Bus Arbitration
7.10
Additional Items
7.10.1
Resets
The bus state controller is completely initialized only in a power-on reset. All signals are
immediately negated, regardless of whether or not the chip is in the middle of a bus cycle. Signal
negation is simultaneous with turning the output buffer off. All control registers are initialized. In
standby mode, sleep mode, and a manual reset, no bus state controller control registers are
initialized. When a manual reset is performed, the currently executing bus cycle only is completed,
and then the chip waits for an access. When a cache-filling or DMAC/E-DMAC 16-byte transfer is
executing, the CPU, DMAC, or E-DMAC that is the bus master ends the access in a longword
unit, since the access request is canceled by the manual reset.This means that when a manual reset
is executed during a cache filling, the cache contents can no longer be guaranteed. During a
manual reset, the RTCNT does not count up, so no refresh request is generated, and a refresh cycle
is not initiated. To preserve the data of the DRAM and synchronous DRAM, the pulse width of the
manual reset must be shorter than the refresh interval.
The bus-release operation of this LSI during a manual reset is described below.
• BRLS signal is asserted before transition to manual reset state and continues to be asserted
during manual reset
In this LSI, the
BGR signal is continuously asserted to retain the bus-release state.
• BRLS signal is asserted before transition to manual reset state and negated during manual reset
In this LSI, the
BGR signal is negated to acquire the bus.
• BRLS signal is asserted during manual reset
In this LSI, the
BGR signal is not asserted until the manual reset is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com