Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 374Page - Renesas Technology Corp SH7616 Datasheet HTML 375Page - Renesas Technology Corp SH7616 Datasheet HTML 376Page - Renesas Technology Corp SH7616 Datasheet HTML 377Page - Renesas Technology Corp SH7616 Datasheet HTML 378Page - Renesas Technology Corp SH7616 Datasheet HTML 379Page - Renesas Technology Corp SH7616 Datasheet HTML 380Page - Renesas Technology Corp SH7616 Datasheet HTML 381Page - Renesas Technology Corp SH7616 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 352 of 906
REJ09B0292-0200
peripheral module enables an access to the on-chip peripheral module without having to wait for
the completion of the write to low-speed memory.
During reads, the CPU always has to wait for the end of the operation. To immediately continue
processing after checking that the write to the device of actual data has ended, perform a dummy
read access to the same address consecutively to check that the write has ended.
The bus state controller’s write buffer functions in the same way during accesses from the DMAC.
A dual-address DMA transfer thus starts in the next read cycle without waiting for the end of the
write cycle. When both the source address and destination address of the DMA are external spaces
to the chip, however, it must wait until the completion of the previous write cycle before starting
the next read cycle.
The E-DMAC can perform access involving external memory, but not access involving any on-
chip memory or peripheral modules.
7.10.3
STATS1 and STATS0 Pins
The SH7616 has two pins, STATS1 and STATS0, to identify the bus master status. The signals
output from these pins show the external access status. Encoded output is provided for the
following categories: CPU (cache hit/cache disable), DMAC (external access only), E-DMAC,
and Others (refresh, internal access, etc..). All output is synchronized with the address signals.
The encoding patterns are shown in table 7.9, and the output timing in figure 7.59.
Table 7.9
Encoding Patterns
Identification
STATS1
STATS0
CPU
0
0
DMAC
1
E-DMAC
1
0
Others
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com