Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 373Page - Renesas Technology Corp SH7616 Datasheet HTML 374Page - Renesas Technology Corp SH7616 Datasheet HTML 375Page - Renesas Technology Corp SH7616 Datasheet HTML 376Page - Renesas Technology Corp SH7616 Datasheet HTML 377Page - Renesas Technology Corp SH7616 Datasheet HTML 378Page - Renesas Technology Corp SH7616 Datasheet HTML 379Page - Renesas Technology Corp SH7616 Datasheet HTML 380Page - Renesas Technology Corp SH7616 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 935 page
background image
Section 7 Bus State Controller (BSC)
Rev. 2.00 Mar 09, 2006 page 351 of 906
REJ09B0292-0200
7.10.2
Access as Viewed from CPU, DMAC or E-DMAC
The chip is internally divided into three buses: cache, internal, and peripheral. The CPU and cache
memory are connected to the cache bus, the DMAC, E-DMAC and bus state controller are
connected to the internal bus, and the low-speed peripheral devices and mode registers are
connected to the peripheral bus. On-chip memory other than cache memory and the user break
controller are connected to both the cache bus and the internal bus. The internal bus can be
accessed from the cache bus, but not the other way around. The peripheral bus can be accessed
from the internal bus, but not the other way around. This results in the following.
The DMAC can access on-chip memory other than cache memory, but cannot access cache
memory. When the DMAC causes a write to external memory, the external memory contents and
the cache contents may be different. When external memory contents are rewritten by a DMA
transfer, the cache memory must be purged by software if there is a possibility that the data for
that address is present in the cache.
When the CPU starts a read access, if the access is to a cache area, a cache search is first
performed. This takes one cycle. If there is data in the cache, it fetches it and completes the access.
If there is no data in the cache, a cache filling is performed via the internal bus, so four
consecutive longword reads occur. For misses that occur when byte or word operands are accessed
or branches occur to odd word boundaries (4n + 2 addresses), the filling is always performed by
longword accesses on the chip-external interface. In the cache-through area, the access is to the
actual access address. When the access is an instruction fetch, the access size is always longword.
For cache-through areas and on-chip peripheral module read cycles, after an extra cycle is added
to determine the cycle, the read cycle is started through the internal bus. Read data is sent to the
CPU through the cache bus.
When write cycles access the cache area, the cache is searched. When the data of the relevant
address is found, it is written here. The actual write occurs in parallel to this via the internal bus in
write-through mode. In write-back mode, the actual write is not performed until a replace
operation occurs for the relevant address. When the right to use the internal bus is held, the CPU is
notified that the write is completed without waiting for the end of the actual off-chip write. When
the right to use the internal bus is not held, as when it is being used by the DMAC or the like, there
is a wait until the bus is acquired before the CPU is notified of completion.
Accesses to cache-through areas and on-chip peripheral modules work the same as in the cache
area, except for the cache search and write.
Because the bus state controller has one level of write buffer, the internal bus can be used for
another access even when the chip-external bus cycle has not ended. After a write has been
performed to low-speed memory off the chip, performing a read or write with an on-chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com