Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 435Page - Renesas Technology Corp SH7616 Datasheet HTML 436Page - Renesas Technology Corp SH7616 Datasheet HTML 437Page - Renesas Technology Corp SH7616 Datasheet HTML 438Page - Renesas Technology Corp SH7616 Datasheet HTML 439Page - Renesas Technology Corp SH7616 Datasheet HTML 440Page - Renesas Technology Corp SH7616 Datasheet HTML 441Page - Renesas Technology Corp SH7616 Datasheet HTML 442Page - Renesas Technology Corp SH7616 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 413 of 906
REJ09B0292-0200
9.3.7
CAM Match Signal Input Function
The EtherC is equipped with a CAM (Content Addressable Memory) match signal input function.
A CAM circuit is externally connected to compare a destination address in a receive frame (see
figure 9.7). The EtherC receives the result of comparison of a destination address corresponding to
signals (RXD3 to RXD0) fetched from the MII as a signal from a CAMSEN pin and selects
whether the current frame is received or discarded.
SH7616
EtherC
CAMSEN
CAM logic
MII (RX-DV, RXD3 to RXD0)
PHY-LSI
Figure 9.7 CAM Circuit Connection
Table 9.3 shows types of frames received and discarded in the two states of the CAMSEN signal.
The CAM holds the MAC address besides this LSI. When the MAC address which is received
from the PHY-LSI is matched with the destination address held in the CAM, the CAMSEN signal
is asserted. The EtherC recognizes that the CAMSEN signal has been asserted then receives a
frame for the reception.
Some of the frame’s data will have already been stored in the receive FIFO when the CAMSEN
signal is asserted. Therefore, when the E-DMAC is requested that the received data be discarded,
the E-DMAC discards the frame. The frame must be discarded before DMA transfer starts because
the E-DMAC starts transferring to main memory by DMA when at least 16 bytes of data is stored
in the receive FIFO. In this case, according to the MII receive signal timing, the RX-DV is
asserted and the CAMSEN signal must be asserted within 35 clock cycles of the start timing of a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com