Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 433Page - Renesas Technology Corp SH7616 Datasheet HTML 434Page - Renesas Technology Corp SH7616 Datasheet HTML 435Page - Renesas Technology Corp SH7616 Datasheet HTML 436Page - Renesas Technology Corp SH7616 Datasheet HTML 437Page - Renesas Technology Corp SH7616 Datasheet HTML 438Page - Renesas Technology Corp SH7616 Datasheet HTML 439Page - Renesas Technology Corp SH7616 Datasheet HTML 440Page - Renesas Technology Corp SH7616 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 411 of 906
REJ09B0292-0200
9.3.5
Magic Packet Detection
The EtherC has a Magic Packet detection function. This function provides a Wake-On-LAN
(WOL) facility that activates various peripheral devices connected to a LAN from the host device
or other source. This makes it possible to construct a system in which a peripheral device receives
a Magic Packet sent from the host device or other source, and activates itself. Further information
on Magic Packets can be found in the technical documentation published by AMD Corporation.
The procedure for using the WOL function with the SH7616 is as follows.
1. Disable interrupt source output by means of the various interrupt enable/mask registers.
2. Set the Magic Packet detection enable bit (MPDE) in the EtherC mode register (ECMR).
3. Set the Magic Packet detection interrupt enable bit (MPDIP) in the EtherC interrupt enable
register (ECSIPR) to the enable setting.
4. If necessary, set the CPU operating mode to sleep mode or set supporting functions to module
standby mode.
5. When a Magic Packet is detected, an interrupt is sent to the CPU. The WOL pin notifies
peripheral LSIs that the Magic Packet has been detected.
Notes: 1. When the Magic Packet is detected, data is stored in the receive FIFO by the broadcast
packet that has received data previously and the EtherC is notified of the receiving
status. To return to normal operation from the interrupt processing, initialize the EtherC
and E-DMAC by using the software reset bit (SWR) in the E-DMAC mode register
(EDMR).
2. With a Magic Packet, reception is performed regardless of the destination address. As a
result, this function is valid, and the WOL pin enabled, only in the case of a match with
the destination address specified by the format in the Magic Packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com