Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 430Page - Renesas Technology Corp SH7616 Datasheet HTML 431Page - Renesas Technology Corp SH7616 Datasheet HTML 432Page - Renesas Technology Corp SH7616 Datasheet HTML 433Page - Renesas Technology Corp SH7616 Datasheet HTML 434Page - Renesas Technology Corp SH7616 Datasheet HTML 435Page - Renesas Technology Corp SH7616 Datasheet HTML 436Page - Renesas Technology Corp SH7616 Datasheet HTML 437Page - Renesas Technology Corp SH7616 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 408 of 906
REJ09B0292-0200
9.3.4
Accessing MII Registers
MII registers in the PHY-LSI are accessed via the SH7616’s PHY interface register (PIR).
Connection is made as a serial interface in accordance with the MII frame format specified in
IEEE802.3u.
MII Management Frame Format: The format of an MII management frame is shown in figure
9.5. To access an MII register, a management frame is implemented by the program in accordance
with the procedures shown in MII Register Access Procedure.
Access Type
MII Management Frame
Item
Number of bits
Read
Write
PRE
32
1..1
1..1
ST
2
01
01
OP
2
10
01
PHYAD
5
00001
00001
REGAD
5
RRRRR
RRRRR
TA
2
Z0
10
DATA
16
D..D
D..D
IDLE
X
PRE:
32 consecutive 1s
ST:
Write of 01 indicating start of frame
OP:
Write of code indicating access type
PHYAD:
Write of 0001 if the PHY-LSI address is 1 (sequential write starting with the MSB).
This bit changes depending on the PHY-LSI address.
REGAD: Write of 0001 if the register address is 1 (sequential write starting with the MSB).
This bit changes depending on the PHY-LSI register address.
TA:
Time for switching data transmission source on MII interface
(a) Write: 10 written
(b) Read: Bus release (notation: Z0) performed
DATA:
16-bit data. Sequential write or read from MSB
(a) Write: 16-bit data write
(b) Read: 16-bit data read
IDLE:
Wait time until next MII management format input
(a) Write: Independent bus release (notation: X) performed
(b) Read: Bus already released in TA; control unnecessary
Figure 9.5 MII Management Frame Format
MII Register Access Procedure: The program accesses MII registers via the PHY interface
register (PIR). Access is implemented by a combination of 1-bit-unit data write, 1-bit-unit data
read, bus release, and independent bus release. Examples 1 through 4 below show the register
access timing. The timing will differ depending on the PHY-LSI type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com