Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 426Page - Renesas Technology Corp SH7616 Datasheet HTML 427Page - Renesas Technology Corp SH7616 Datasheet HTML 428Page - Renesas Technology Corp SH7616 Datasheet HTML 429Page - Renesas Technology Corp SH7616 Datasheet HTML 430Page - Renesas Technology Corp SH7616 Datasheet HTML 431Page - Renesas Technology Corp SH7616 Datasheet HTML 432Page - Renesas Technology Corp SH7616 Datasheet HTML 433Page - Renesas Technology Corp SH7616 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 404 of 906
REJ09B0292-0200
Note: If a collision or the carrier-not-detected state occurs during data transmission, these are
reported as interrupt sources.
4. After waiting for the frame interval time, the transmitter enters the idle state, and if there is
more transmit data, continues transmitting.
9.3.2
Reception
The EtherC receiver separates a received frame into preamble, SFD, data, and CRC, and the fields
from DA (destination address) to the CRC data are transferred to the receive E-DMAC. The main
receive functions of the EtherC are as follows:
• Receive frame header check: Checks the preamble and SFD, and discards a frame with an
invalid pattern
• Receive frame data check: Checks the data length in the header, and reports an error status if
the data length is less than 64 bytes or greater than the specified number of bytes
• Receive CRC check: Performs a CRC check on the frame data field, and reports an error status
in the case of an abnormality
• Line status monitoring: Reports an error status if an illegal carrier is detected by means of the
fault detection signal from the PHY-LSI
• Magic Packet monitoring: Detects a Magic Packet from all receive frames
The state transitions of the EtherC receiver are shown in figure 9.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com