Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 427Page - Renesas Technology Corp SH7616 Datasheet HTML 428Page - Renesas Technology Corp SH7616 Datasheet HTML 429Page - Renesas Technology Corp SH7616 Datasheet HTML 430Page - Renesas Technology Corp SH7616 Datasheet HTML 431Page - Renesas Technology Corp SH7616 Datasheet HTML 432Page - Renesas Technology Corp SH7616 Datasheet HTML 433Page - Renesas Technology Corp SH7616 Datasheet HTML 434Page - Renesas Technology Corp SH7616 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 405 of 906
REJ09B0292-0200
Reset
RE set
RE reset
SFD: Start frame delimiter
Note: The error frame also transmits data to the buffer.
Preamble
detection
Rx-DV negation
Promiscuous and other station
destination address
SFD
reception
Own destination
address
or broadcast
or multicast
or promiscuous
End of
reception
Error
notification
Receive
error
detection
Receive error
detection
Normal reception
Reception
halted
Illegal carrier
detection
Idle
Start of frame
reception
Destination
address
reception
Error
detection
Data
reception
CRC
reception
Wait for SFD
reception
Figure 9.3 EtherC Receiver State Transitions
1. When the receive enable (RE) bit is set, the receiver enters the receive idle state.
2. When an SFD (start frame delimiter) is detected after a receive packet preamble, the receiver
starts receive processing.
3. If the destination address matches the receiver’s own address, or if broadcast or multicast
transmission or promiscuous mode is specified, the receiver starts data reception.
4. Following data reception, the receiver carries out a CRC check. The result is indicated as a
status bit in the descriptor after the frame data has been written to memory.
5. After one frame has been received, if the receive enable bit is set (RE = 1) in the EtherC mode
register, the receiver prepares to receive the next frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com